Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE66C360PEC Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SLE66C360PEC
Description  Security & Chip Card ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C360PEC Datasheet(HTML) 5 Page - Infineon Technologies AG

  SLE66C360PEC Datasheet HTML 1Page - Infineon Technologies AG SLE66C360PEC Datasheet HTML 2Page - Infineon Technologies AG SLE66C360PEC Datasheet HTML 3Page - Infineon Technologies AG SLE66C360PEC Datasheet HTML 4Page - Infineon Technologies AG SLE66C360PEC Datasheet HTML 5Page - Infineon Technologies AG SLE66C360PEC Datasheet HTML 6Page - Infineon Technologies AG SLE66C360PEC Datasheet HTML 7Page - Infineon Technologies AG SLE66C360PEC Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SLE 66C360PE
Preliminary - Short Product Information
5 / 8
02.04
Performance DDES- Accelerator (typical values, based on internal test results)
Encryption Time for an
8-Byte Block incl. Data
Transfer
Operation
Data Block
Length
5 MHz 15 MHz 33 MHz*
56-bit Single DES Encryption
64 bit
23 µs
8 µs
3.5 µs
112-bit Triple DES Encryption
64 bit
35 µs
12 µs
5.3 µs
* preliminary values
Ordering Information
Type
Package
1
Voltage
Range
Temperature
Range
Frequency
Range
(int. clock
frequency
Frequency
Range
(ext. clock
frequency)
SLE 66C360PE C
Die (sawn,
unsawn)
SLE 66C360PE M5
M5.1
1.8 V; 3.0 V; 5.0 V
or
3.0 V; 5.0 V
– 25°C to + 70°C
or
– 25°C to + 85°C
Up to 33 MHz
1 MHz - 5 MHz
or
1 MHz - 7.5 MHz
For ordering information please refer to the databook and contact your sales representative.
Production sites for SLE 66C360PE:
Dresden (Germany), UMC (Taiwan), Altis (France).
1 available as wire-bonded module (M5) for embedding in plastic cards or as die (C) for customer packaging
New


Similar Part No. - SLE66C360PEC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66C320S INFINEON-SLE66C320S Datasheet
69Kb / 5P
   Security & Chip Card ICs SLE 66C320S
06.99
SLE66C320S-M6 INFINEON-SLE66C320S-M6 Datasheet
69Kb / 5P
   Security & Chip Card ICs SLE 66C320S
06.99
SLE66C320S-T85-C INFINEON-SLE66C320S-T85-C Datasheet
69Kb / 5P
   Security & Chip Card ICs SLE 66C320S
06.99
SLE66C320S-T85-M6 INFINEON-SLE66C320S-T85-M6 Datasheet
69Kb / 5P
   Security & Chip Card ICs SLE 66C320S
06.99
SLE66C320S-V5-C INFINEON-SLE66C320S-V5-C Datasheet
69Kb / 5P
   Security & Chip Card ICs SLE 66C320S
06.99
More results

Similar Description - SLE66C360PEC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com