Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE66CL80P Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SLE66CL80P
Description  Secure Mobile Solutions - Security
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CL80P Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SLE66CL80P Datasheet HTML 2Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 3Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 4Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 5Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 6Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 7Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 8Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 9Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
µµ
SLE 66CL80P
Short Product Information
9 / 10
2004-04-01
The UART supports the half-duplex transmission protocols T=0 and T=1 according to
ISO/IEC 7816-3. All relevant transmission parameters can be adjusted by software, as e.g. the
clock division factor, direct/inverse convention and the number of stop bits. Additionally, the I/O
port can be driven by communication routines realized in software. To minimize the overall power
consumption, the smart card controller can be set into sleep mode supporting clock stop mode.
Timers ease the implementation of advanced communication protocols such as T=1 and T=CL
(according to ISO/IEC 14443-4) and all other time critical processes for contact-based and
contactless communications. Both Timers features auto-reload mechanisms as well as their own
dedicated interrupt vectors. Additional interrupts capability of the I/O, UART and RF interface
modules allows parallel operation of the dual interface smart card and the contact/contactless
terminals.
SLE 66CL80P is able to communicate with any Proximity Card Device (PCD) defined in
ISO/IEC 14443 such as the Infineon Evaluation Kit Proximity over a typical coupling distance of
10 cm. The power supply and data are received by an antenna, which consists of a coil with a few
turns directly connected to the IC. DES acceleration by a factor of more than 500 compared to
software solutions in combination with the high data transfer rate up to 848Kbit/s keep the
transaction times short. For more independence and flexibility, the controller offers the two
modulation type A and type B according ISO/IEC 14443.
The Anticollision and Contactless Transmission Protocol are supported by open source
application notes for both Type A and B in order to offer a maximum flexibility to the
Operating System. Both Contactless Communication protocol may be implemented in the
Operating System while the final selection of the Type A or B is based upon the
personalisation data of the contactless smart card. The communication type can also be
changed during runtime in the field. Thus, SLE 66CL80P ensures a simplified handling of the
ROM mask, high reactivity by a tailored personalisation during production of the contactless
smart card in order to answer to the increasing market demand and applications.
SLE 66CL80P features a new Resource Management System (RMS_E) which optimizes
Contactless EEPROM write/erase routines. EEPROM programming is enhanced over the entire
communication distance compared to the standard RMS. Thus, the reduction of programming
times and power consumption is ensured independently of the use of the contact or the contactless
interface.
The CRC module allows the easy generation of checksums according to ISO/IEC 3309 (16-Bit-
CRC), thus it supports the two different CRC calculation required for ISO/IEC 14443 Type A and
Type B. Also, data as well as program located in the EEPROM can be extra-secured by a CRC
checksum enabling the Operating System to detect errors while downloading new application in
the field.
To minimize the overall power consumption, the pure contactless smart card controller can be set
into sleep mode.
The certified random number generator (RNG) is able to supply the CPU with true random
numbers on all conditions. It allows creating session key used for authentication in open networks
and enable secure downloading of new applications.


Similar Part No. - SLE66CL80P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
SLE66CL81P-MCC8 INFINEON-SLE66CL81P-MCC8 Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
More results

Similar Description - SLE66CL80P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
SLE6636 INFINEON-SLE6636 Datasheet
158Kb / 7P
   Secure Mobile Solutions
2003-08-05
SLE66R35 INFINEON-SLE66R35 Datasheet
102Kb / 6P
   Secure Mobile Solutions
2003-08-07
logo
Intersil Corporation
TW2866-LC1-CR INTERSIL-TW2866-LC1-CR Datasheet
1Mb / 2P
   Security Surveillance IC Solutions
TW2851 INTERSIL-TW2851 Datasheet
1Mb / 2P
   Security Surveillance IC Solutions
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
logo
Maxim Integrated Produc...
MAXQ1103 MAXIM-MAXQ1103_11 Datasheet
64Kb / 2P
   High-Performance Secure RISC Microcontroller Security Features
Rev 4; 3/11
logo
STMicroelectronics
STM32HSM-V2 STMICROELECTRONICS-STM32HSM-V2 Datasheet
162Kb / 3P
   Hardware security module for secure firmware installation
Rev 1 - July 2020
logo
List of Unclassifed Man...
ISP1703BUKTS ETC2-ISP1703BUKTS Datasheet
906Kb / 3P
   Ultra-low-power transceiver solutions for mobile and portable applications
logo
STMicroelectronics
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
   Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com