Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE66CLX321P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLE66CLX321P
Description  Security & Chip Card ICs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CLX321P Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE66CLX321P Datasheet HTML 1Page - Infineon Technologies AG SLE66CLX321P Datasheet HTML 2Page - Infineon Technologies AG SLE66CLX321P Datasheet HTML 3Page - Infineon Technologies AG SLE66CLX321P Datasheet HTML 4Page - Infineon Technologies AG SLE66CLX321P Datasheet HTML 5Page - Infineon Technologies AG SLE66CLX321P Datasheet HTML 6Page - Infineon Technologies AG SLE66CLX321P Datasheet HTML 7Page - Infineon Technologies AG SLE66CLX321P Datasheet HTML 8Page - Infineon Technologies AG SLE66CLX321P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
µµ
SLE 66CLX321P
Short Product Information
3 / 11
2004-04-01
16-Bit High Security Contactless Controller
ISO/IEC 14443 Type A &B Compliant Interfaces
For Contactless Operation with MMU in 0.22 µm CMOS Technology
136-Kbyte ROM, 5-Kbyte RAM, 32-Kbyte EEPROM
1100-Bit Advanced Crypto Engine supporting RSA and Elliptic Curve GF(p) and
112-Bit / 192-Bit DDES-EC2 Accelerator
supporting DES, 3DES and Elliptic Curve GF(2n)
Features
Enhanced low power 8051 CPU with
extended addressing modes for
contactless smart card applications
Instruction set opcode compatible with
standard 8051 processor with additional
powerful instructions optimized for smart
card application
Enhanced architecture with execution time
6 times faster (18 times using PLLmax)
than standard 8051 processor at same
external clock
134 Kbytes User ROM for operating system
and application (programs & data)
2 Kbytes reserved ROM for Resource
Management System (RMS_E) with
Contactless Optimized EEPROM
write/erase routines
32 Kbytes Secure EEPROM in SuperSlim
technology for application program and
data
4k bytes XRAM, 700 bytes Crypto-RAM
and 256 bytes internal RAM for fast data
processing
Memory Management Unit
Certified True Random Number Generator
Dual Key Triple DES (DDES) &
GF (2n) Elliptic Curve (EC2) Accelerator
Advanced Crypto Engine for Elliptic
Curve GF(p) and up to 2048 bits RSA
computation
CRC Module according to ISO/IEC 3309
supporting CCIT v.41 & HDLC X25
8 Interrupt Vectors Module with 3 priority
levels to ensure real time operation
PLL: to speed up the internal CPU clock
frequency up to 15MHz (optional use)
Two 16-bit Timer with interrupt capability for
protocols, security checks & watch dog
implementations
Power saving sleep mode
Temperature range:
contact-less: -25°C to +70°C
Full operation of Contactless interface
controlled by Operating System
enhances Security Level
Contactless Interface
Interface according to ISO/IEC 14443 for
both Type A and Type B
Carrier frequency 13.56 MHz
Data rate
106 Kbit/s in type A operation
up to 848 Kbit/s in type B operation
Anticollision & Transmission Protocol
supported by open source application
notes for both Type A & B
Flexible Internal CPU clock frequency:
fully configurable from 1.7MHz up to
15 MHz
256 bytes buffer for contactless data
exchange (FiFo circular architecture)
Parallel operation of CPU, Peripherals like
DES, CRC and Contactless Interface
possible for High Demanding Contactless
Applications


Similar Part No. - SLE66CLX321P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CLX320P INFINEON-SLE66CLX320P Datasheet
177Kb / 12P
   Security & Chip Card ICs
2004-04-01
SLE66CLX320P-C INFINEON-SLE66CLX320P-C Datasheet
177Kb / 12P
   Security & Chip Card ICs
2004-04-01
SLE66CLX320P-M84 INFINEON-SLE66CLX320P-M84 Datasheet
177Kb / 12P
   Security & Chip Card ICs
2004-04-01
More results

Similar Description - SLE66CLX321P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com