Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE66CX160P-T85M5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SLE66CX160P-T85M5
Description  Security & Chip Card ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX160P-T85M5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SLE66CX160P-T85M5 Datasheet HTML 1Page - Infineon Technologies AG SLE66CX160P-T85M5 Datasheet HTML 2Page - Infineon Technologies AG SLE66CX160P-T85M5 Datasheet HTML 3Page - Infineon Technologies AG SLE66CX160P-T85M5 Datasheet HTML 4Page - Infineon Technologies AG SLE66CX160P-T85M5 Datasheet HTML 5Page - Infineon Technologies AG SLE66CX160P-T85M5 Datasheet HTML 6Page - Infineon Technologies AG SLE66CX160P-T85M5 Datasheet HTML 7Page - Infineon Technologies AG SLE66CX160P-T85M5 Datasheet HTML 8Page - Infineon Technologies AG SLE66CX160P-T85M5 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SLE 66CX160P
Preliminary Short Product Information
4 / 9
08.01
Current consumption
< 10mA @ 5.5 V
< 6 mA @ 3.3 V
Temperature range: -25 to +85°C
Testmode
Irreversible Lock - Out of testmode
Anti Snooping
HW-countermeasures against SPA/DPA-,
Timing- and DFA-attacks (differential fault
analysis – DFA)
CRC – Module
Non standard dedicated Smart Card CPU
– Core
Active Shield with automatic and user
controlled attack detection
Support
HW-& SW-Tools (Emulator, ROM Monitor,
Card Emulator, Simulator, Softmasking)
Application notes
Supported Standards
ISO/IEC 7816
EMV 2000
GSM 11.1x
ETS I TS 102 221
Memory Security
16 bytes security PROM, hardware protected
Unique chip identification number for each
Chip
MED - memory encryption/decryption device
for XRAM, ROM and EEPROM
True Random Number Generator with
Firmware test function
Security optimised layout and layout
scrambling
Document References
Confidential Data Book SLE 66CxxxP
Qualification report
Chip delivery specification for wafer with
chip-layout (die size, orientation,...)
Module specification containing description
of package, etc.
Qualification report module
Development Tools Overview
Short
Product
Information
Software
Development Kit SDK CC
Short Product Information Card Emulator
CE66P
Short Product Information ROM Monitor
RM66P
Short Product Information Emulator ET66P
Hitex or ET66P KSC
Short Product Information Smart Mask
Package


Similar Part No. - SLE66CX160P-T85M5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CX160S INFINEON-SLE66CX160S Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
SLE66CX160S-C INFINEON-SLE66CX160S-C Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
SLE66CX160S-M6 INFINEON-SLE66CX160S-M6 Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
SLE66CX160S-T85-C INFINEON-SLE66CX160S-T85-C Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
SLE66CX160S-T85-M6 INFINEON-SLE66CX160S-T85-M6 Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
More results

Similar Description - SLE66CX160P-T85M5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com