Electronic Components Datasheet Search |
|
JH35320480BCNSNNFHEWC Datasheet(PDF) 5 Page - Jewel Hill Electronic |
|
JH35320480BCNSNNFHEWC Datasheet(HTML) 5 Page - Jewel Hill Electronic |
5 / 22 page JH35320480B VER: 0.1 - 4 - Issue date: 2013/08/01 JEWEL HILL ELECTRONIC CO.,LTD. Note: *1) Liquid Crystal driving voltage. Due to the characteristics of LC Material, this voltage vary with environmental temperature. *2) Temp.>60℃, Absolute humidity shall be less than 90%RH at 60℃ *3) Temp.≤60℃, 90%RH MAX. 4. Electrical Specification Main Window Display (Unless specified, the ambient temperature Ta=25℃) Properties Sym. Min Typ. Max Unit Note Power for Circuit Driving VDD 1.65 2.8 3.3 V Note Power for Circuit Logic VCI 2.7 2.8 3.3 V Note BLU Driving Logic Vbat - - - V Low Voltage VIL 0 - 0.2VDD V Logic Input Voltage High Voltage VIH 0.8VDD - VDD V Low Voltage VOL 0 - 0.1VDD V Logic Output Voltage High Voltage VOH 0.9VDD - VDD V White P BBBBBBBBB w BBBBBBBBB T.B.D T.B.D T.B.D mW Black P BBBBBBBBB b BBBBBBBBB T.B.D T.B.D T.B.D mW Power Consumption Vertical Stripe P BBBBBBBBB v BBBBBBBBB T.B.D T.B.D T.B.D mW Note: The recommended operating conditions refer to a range in which operation of this product is guaranteed. Should this range is exceeded, the operation cannot be guaranteed even if the values may be without the absolute maximum ratings. Accordingly, please make sure that the module is used within this range. And these current values are measured under the condition that all devices are stopped, each component is stable and logic signal is input. |
Similar Part No. - JH35320480BCNSNNFHEWC |
|
Similar Description - JH35320480BCNSNNFHEWC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |