Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBT3904PN Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SMBT3904PN
Description  NPN/PNP Silicon Switching Transistor Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3904PN Datasheet(HTML) 1 Page - Infineon Technologies AG

  SMBT3904PN Datasheet HTML 1Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 2Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 3Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 4Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 5Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 6Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMBT3904PN
Aug-21-2002
1
NPN/PNP Silicon Switching Transistor Array
 High current gain
 Low collector-emitter saturation voltage
 Two (galvanic) internal isolated NPN/PNP
Transistors in one package
Tape loading orientation
VPS05604
6
3
1
5
4
2
EHA07193
12 3
4
5
6
W1s
Direction of Unreeling
Top View
Marking on SOT-363 package
(for example W1s)
corresponds to pin 1 of device
Position in tape: pin 1
opposite of feed hole side
EHA07177
6
54
3
2
1
C1
B2
E2
C2
B1
E1
TR1
TR2
Type
Marking
Pin Configuration
Package
SMBT3904PN
s3P
1 = E 2 = B 3 = C 4 = E 5 = B 6 = C SOT363
Maximum Ratings
Symbol
Value
Parameter
Unit
Collector-emitter voltage
VCEO
40
V
Collector-base voltage
VCBO
40
Emitter-base voltage
VEBO
5
DC collector current
IC
200
mA
Total power dissipation
, TS = 115 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Thermal resistance, chip case1)
RthJC
 140
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - SMBT3904PN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3904PN INFINEON-SMBT3904PN Datasheet
108Kb / 9P
   NPN / PNP Silicon Switching Transistor Array Low collector-emitter saturation voltage
2007-03-28
SMBT3904PN INFINEON-SMBT3904PN Datasheet
853Kb / 9P
   NPN / PNP Silicon Switching Transistor Array
2012-08-21
SMBT3904PN INFINEON-SMBT3904PN_07 Datasheet
108Kb / 9P
   NPN / PNP Silicon Switching Transistor Array Low collector-emitter saturation voltage
2007-03-28
SMBT3904PN INFINEON-SMBT3904PN_12 Datasheet
853Kb / 9P
   NPN / PNP Silicon Switching Transistor Array
2012-08-21
More results

Similar Description - SMBT3904PN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904PN INFINEON-SMBT3904PN_12 Datasheet
853Kb / 9P
   NPN / PNP Silicon Switching Transistor Array
2012-08-21
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906U INFINEON-SMBT3906U Datasheet
77Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
logo
Siemens Semiconductor G...
SMBT3906S SIEMENS-SMBT3906S Datasheet
68Kb / 8P
   PNP Silicon Switching Transistor Array
logo
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN Datasheet
137Kb / 4P
   NPN/PNP Silicon Transistor Array
Aug-21-2002
logo
Siemens Semiconductor G...
SMBT3904S SIEMENS-SMBT3904S Datasheet
79Kb / 8P
   NPN Silicon Switching Transistor Array
logo
Infineon Technologies A...
SMBT3904S INFINEON-SMBT3904S Datasheet
76Kb / 8P
   NPN Silicon Switching Transistor Array
Nov-30-2001
SMBT3904U INFINEON-SMBT3904U Datasheet
76Kb / 8P
   NPN Silicon Switching Transistor Array
Nov-30-2001
BCR10PN INFINEON-BCR10PN Datasheet
51Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com