Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3G225-RE19-04 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R3G225-RE19-04
Description  EC centrifugal fans - RadiCal짰 Series R3G225 RE 횠225 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R3G225-RE19-04 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R3G225-RE19-04 Datasheet HTML 1Page - List of Unclassifed Manufacturers R3G225-RE19-04 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Curves
Druck p f s[Pa]für Rho=1,2kg/m^3
qv[m^3/h]
1.400
1.300
1.200
1.100
1.000
900
800
700
600
500
400
300
200
100
0
qv[cfm]
800
700
600
500
400
300
200
100
0
760
740
720
700
680
660
640
620
600
580
560
540
520
500
480
460
440
420
400
380
360
340
320
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
3,1
3
2,9
2,8
2,7
2,6
2,5
2,4
2,3
2,2
2,1
2
1,9
1,8
1,7
1,6
1,5
1,4
1,3
1,2
1,1
1
0,9
0,8
0,7
0,6
0,5
0,4
0,3
0,2
0,1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Highlights:
– Backward curved
– 7-blade impeller, single phase motor
– Output 10 VDC, max. 1.1 mA, Tach output, Control input 0-10 VDC / PWM
– Motor current limit, Soft start, Locked-rotor protection, Over temperature protected electronics / motor
– Mounting position: Any
– Condensate discharge holes: None, open rotor
– Ingress protection of IP54
Material: Fiberglass reinforced composite
Impeller: PA6
Direction of rotation: Clockwise, seen on rotor
Series R3G225 RE Ø225 mm
(1) Nominal data at maximum load.
Nominal Data
Type
CFM
VAC
VAC
Watts
RPM
oC
g
R3G225-RE19-04
753.4
115
100...130
50/60
Yes
170
2,870
-25...50
1,750
IP54
Yes
R3G225-RE07-03
765.2
230
200...240
50/60
Yes
170
2,860
-25...60
1,750
IP54
Yes
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
2985
153
1.99
78
2870
170
2.20
74
2895
162
2.09
68
2965
150
1.95
73
2500
90
1.17
75
2500
113
1.45
70
2500
104
1.34
66
2500
90
1.17
69
2000
46
0.60
69
2000
58
0.74
65
2000
53
0.69
61
2000
46
0.60
63
1500
19
0.25
63
1500
25
0.31
59
1500
23
0.29
55
1500
19
0.25
57
Measurement: LU-142355
Air performance measured
as per: ISO 5801, Installation
category A, without protection
against accidental contact.
Suction-side noise levels:
LWA as per ISO 13347, LPA
measured at 1m distance to
fan axis.
The values given are valid
under the measuring
conditions mentioned and may
vary accoring to the actual
installation situation.
With any deviation to the
standard set-up, the specific
values have to be checked
and reviewed once installed
or fitted.
For detailed information on
the measuring set-up, please
contact ebm-papst.
R3G225-RE19-04
Curves
n
rpm
Pe
W
I
A
(115V)
LwA
dB(A)
EC centrifugal fans - RadiCal®


Similar Part No. - R3G225-RE19-04

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R3G225-RE19-04 EBMPAPST-R3G225-RE19-04 Datasheet
671Kb / 2P
   EC centrifugal fans - RadiCal
More results

Similar Description - R3G225-RE19-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R3G250RE ETC2-R3G250RE Datasheet
716Kb / 2P
   EC centrifugal fans - RadiCal짰 Series R3G250 RE 횠250 mm
R2E225RA ETC2-R2E225RA Datasheet
570Kb / 2P
   AC centrifugal fans - RadiCal짰 Series R2E225 RA 횠225 mm
R3G220RD ETC2-R3G220RD Datasheet
723Kb / 2P
   EC centrifugal fans - RadiCal짰 Series R3G220 RD 횠220 mm
R3G190RD ETC2-R3G190RD Datasheet
673Kb / 2P
   EC centrifugal fans - RadiCal짰 Series R3G190 RD 횠190 mm
R2E250RB ETC2-R2E250RB Datasheet
636Kb / 2P
   AC centrifugal fans - RadiCal짰
logo
ebm-papst
R3G560-AH29-66F EBMPAPST-R3G560-AH29-66F Datasheet
1Mb / 2P
   EC centrifugal fans
R3G630-AB30-63F EBMPAPST-R3G630-AB30-63F Datasheet
1Mb / 2P
   EC centrifugal fans
R3G500-AG34-63F EBMPAPST-R3G500-AG34-63F Datasheet
1Mb / 2P
   EC centrifugal fans
logo
List of Unclassifed Man...
R2E220 ETC2-R2E220 Datasheet
588Kb / 2P
   AC centrifugal fans - RadiCal짰 Series R2E220 RA 횠220 mm
logo
ebm-papst
R3G225-RE EBMPAPST-R3G225-RE Datasheet
671Kb / 2P
   EC centrifugal fans - RadiCal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com