Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA0060025F-TB Datasheet(PDF) 4 Page - Cree, Inc

Part # CMPA0060025F-TB
Description  25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA0060025F-TB Datasheet(HTML) 4 Page - Cree, Inc

  CMPA0060025F-TB Datasheet HTML 1Page - Cree, Inc CMPA0060025F-TB Datasheet HTML 2Page - Cree, Inc CMPA0060025F-TB Datasheet HTML 3Page - Cree, Inc CMPA0060025F-TB Datasheet HTML 4Page - Cree, Inc CMPA0060025F-TB Datasheet HTML 5Page - Cree, Inc CMPA0060025F-TB Datasheet HTML 6Page - Cree, Inc CMPA0060025F-TB Datasheet HTML 7Page - Cree, Inc CMPA0060025F-TB Datasheet HTML 8Page - Cree, Inc CMPA0060025F-TB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
CMPA0060025F Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2009-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective owners and do not imply specific
product and/or vendor endorsement, sponsorship or association.
Typical Performance
Output Power at P
IN = 32 dBm vs Frequency
Power Gain at P
IN = 32 dBm vs Frequency
as a Function of Drain Voltage
as a Function of Drain Voltage
Drain Efficiency at P
IN = 32 dBm vs Frequency
as a Function of Drain Voltage
46
47
48
49
50
Power at Pin 32 dBm
50V
40V
40
41
42
43
44
45
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
12
14
16
18
20
Power Gain @ Pin 32 dBm
50V
40V
0
2
4
6
8
10
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
40%
50%
60%
70%
Drain Efficiency vs. Freqeuncy @ Pin 32 dBm
50V
40V
0%
10%
20%
30%
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)


Similar Part No. - CMPA0060025F-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
   25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
More results

Similar Description - CMPA0060025F-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
   25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
   2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
   2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
   CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
   2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com