Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA2560025D Datasheet(PDF) 1 Page - Cree, Inc

Part # CMPA2560025D
Description  25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA2560025D Datasheet(HTML) 1 Page - Cree, Inc

  CMPA2560025D Datasheet HTML 1Page - Cree, Inc CMPA2560025D Datasheet HTML 2Page - Cree, Inc CMPA2560025D Datasheet HTML 3Page - Cree, Inc CMPA2560025D Datasheet HTML 4Page - Cree, Inc CMPA2560025D Datasheet HTML 5Page - Cree, Inc CMPA2560025D Datasheet HTML 6Page - Cree, Inc CMPA2560025D Datasheet HTML 7Page - Cree, Inc CMPA2560025D Datasheet HTML 8Page - Cree, Inc CMPA2560025D Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Subject to change without notice.
www.cree.com/rf
CMPA2560025D
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Cree’s CMP2560025D is a gallium nitride (GaN) High Electron Mobility
Transistor (HEMT) based monolithic microwave integrated circuit
(MMIC). GaN has superior properties compared to silicon or gallium
arsenide, including higher breakdown voltage, higher saturated
electron drift velocity and higher thermal conductivity. GaN HEMTs
also offer greater power density and wider bandwidths compared to
Si and GaAs transistors. This MMIC contains a two-stage reactively
matched amplifier design approach enabling very wide bandwidths to
be achieved.
PN: CMPA2560025D
Typical Performance Over 2.5-6.0 GHz (T
C = 25˚C)
Parameter
2.5 GHz
4.0 GHz
6.0 GHz
Units
Gain
27.5
24.3
23.1
dB
Saturated Output Power, P
SAT
1
35.8
37.5
25.6
W
Power Gain @ P
OUT = 43 dBm
23.1
20.9
16.3
dB
PAE @ P
OUT 43 dBm
31.5
32.8
30.7
%
Note1: P
SAT is defined as the RF output power where the device starts to draw positive gate current in the range of 7-13 mA.
Features
24 dB Small Signal Gain
25 W Typical P
SAT
Operation up to 28 V
High Breakdown Voltage
High Temperature Operation
Size 0.180 x 0.145 x 0.004 inches
Applications
Ultra Broadband Amplifiers
Fiber Drivers
Test Instrumentation
EMC Amplifier Drivers


Similar Part No. - CMPA2560025D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
More results

Similar Description - CMPA2560025D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
   25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Qorvo, Inc
TGA2576-2-FL QORVO-TGA2576-2-FL Datasheet
568Kb / 11P
   2.5 ??6.0 GHz 40 W GaN Power Amplifier
September 2019
logo
WOLFSPEED, INC.
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
   0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com