Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA2560025F-AMP Datasheet(PDF) 2 Page - Cree, Inc

Part # CMPA2560025F-AMP
Description  25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA2560025F-AMP Datasheet(HTML) 2 Page - Cree, Inc

  CMPA2560025F-AMP Datasheet HTML 1Page - Cree, Inc CMPA2560025F-AMP Datasheet HTML 2Page - Cree, Inc CMPA2560025F-AMP Datasheet HTML 3Page - Cree, Inc CMPA2560025F-AMP Datasheet HTML 4Page - Cree, Inc CMPA2560025F-AMP Datasheet HTML 5Page - Cree, Inc CMPA2560025F-AMP Datasheet HTML 6Page - Cree, Inc CMPA2560025F-AMP Datasheet HTML 7Page - Cree, Inc CMPA2560025F-AMP Datasheet HTML 8Page - Cree, Inc CMPA2560025F-AMP Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
CMPA2560025F Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2008-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective owners and do not imply specific
product and/or vendor endorsement, sponsorship or association.
Absolute Maximum Ratings (not simultaneous) at 25˚C
Parameter
Symbol
Rating
Units
Drain-source Voltage
V
DSS
84
VDC
Gate-source Voltage
V
GS
-10, +2
VDC
Storage Temperature
T
STG
-65, +150
˚C
Operating Junction Temperature
T
J
225
˚C
Forward Gate Current
I
G
13
mA
Screw Torque
T
40
in-oz
Thermal Resistance, Junction to Case
R
θ
JC
2.5
˚C/W
Electrical Characteristics (Frequency = 2.5 GHz to 6.0 GHz unless otherwise stated; T
C = 25˚C)
Characteristics
Symbol
Min.
Typ.
Max.
Units
Conditions
DC Characteristics
Gate Threshold Voltage
V
(GS)TH
-3.8
-3.0
-2.3
V
V
DS = 10 V, ID = 20 mA
Gate Quiescent Voltage
V
(GS)Q
-2.7
VDC
V
DD = 28 V, ID = 1200 mA
Drain-Source Breakdown Voltage
V
BD
84
100
V
V
GS = -8 V, ID = 20 mA
Saturated Drain Current1
I
DC
8.0
9.7
A
V
DS = 6.0 V, VGS = 2.0 V
RF Characteristics2
Small Signal Gain
S21
19.5
24
dB
V
DD = 28 V, ID = 1200 mA
Input Return Loss
S11
-8
-5
dB
V
DD = 28 V, ID = 1200 mA
Output Return Loss
S22
-8
-3
dB
V
DD = 28 V, ID = 1200 mA
Power Output
1
P
OUT
22.0
30
W
V
DD = 28 V, ID = 1200 mA, PIN = 26 dBm, Freq = 4.0 GHz
Power Output
2
P
OUT
12.5
17
W
V
DD = 28 V, ID = 1200 mA, PIN = 26 dBm, Freq = 5.0 GHz
Power Output
3
P
OUT
15.5
20
W
V
DD = 28 V, ID = 1200 mA, PIN = 26 dBm, Freq = 6.0 GHz
Power Added Efficiency
1
PAE
34
40
%
V
DD = 28 V, ID = 1200 mA, PIN = 26 dBm, Freq = 4.0 GHz
Power Added Efficiency
2
PAE
20
26
%
V
DD = 28 V, ID = 1200 mA, PIN = 26 dBm, Freq = 5.0 GHz
Power Added Efficiency
3
PAE
24
30
%
V
DD = 28 V, ID = 1200 mA, PIN = 26 dBm, Freq = 6.0 GHz
Power Gain
1
G
P
17.5
18.8
dB
V
DD = 28 V, ID = 1200 mA, PIN = 26 dBm, Freq = 4.0 GHz
Power Gain
2
G
P
15.0
16.3
dB
V
DD = 28 V, ID = 1200 mA, PIN = 26 dBm, Freq = 5.0 GHz
Power Gain
3
G
P
16.0
17.0
dB
V
DD = 28 V, ID = 1200 mA, PIN = 26 dBm, Freq = 6.0 GHz
Output Mismatch Stress
VSWR
5 : 1
Y
No damage at all phase angles,
V
DD = 28 V, IDQ = 1200 mA, PIN = 26 dBm
Notes:
1
Scaled from PCM data.
2
All data CW tested in CMPA2560025F-AMP.


Similar Part No. - CMPA2560025F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
   CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
More results

Similar Description - CMPA2560025F-AMP

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
   CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
   25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
   25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
   2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
   2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
   2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com