Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN7002N Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SN7002N
Description  SIPMOS Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SN7002N Datasheet(HTML) 7 Page - Infineon Technologies AG

  SN7002N Datasheet HTML 1Page - Infineon Technologies AG SN7002N Datasheet HTML 2Page - Infineon Technologies AG SN7002N Datasheet HTML 3Page - Infineon Technologies AG SN7002N Datasheet HTML 4Page - Infineon Technologies AG SN7002N Datasheet HTML 5Page - Infineon Technologies AG SN7002N Datasheet HTML 6Page - Infineon Technologies AG SN7002N Datasheet HTML 7Page - Infineon Technologies AG SN7002N Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2003-03-26
Page 7
Final data
SN7002N
13 Typ. gate charge
VGS = f (QG); parameter: VDS ,
ID = 0.2 A pulsed, Tj = 25 °C
0
0.4
0.8
1.2
1.6
2
nC
2.8
QG
0
2
4
6
8
10
12
V
16
SN7002N
0.2 VDS max
0.5 VDS max
0.8 VDS max
14 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
54
56
58
60
62
64
66
68
V
72
SN7002N


Similar Part No. - SN7002N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SN7002N INFINEON-SN7002N Datasheet
5Mb / 9P
   SIPMOS Small-Signal-Transistor Feature Enhancement mode Logic Level
Rev. 2.5 2009-14-08
SN7002N INFINEON-SN7002N Datasheet
333Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.6 2011-07-11
SN7002N INFINEON-SN7002N_09 Datasheet
5Mb / 9P
   SIPMOS Small-Signal-Transistor Feature Enhancement mode Logic Level
Rev. 2.5 2009-14-08
SN7002N INFINEON-SN7002N_11 Datasheet
333Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.6 2011-07-11
More results

Similar Description - SN7002N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com