Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA5585025F-TB Datasheet(PDF) 8 Page - Cree, Inc

Part # CMPA5585025F-TB
Description  25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA5585025F-TB Datasheet(HTML) 8 Page - Cree, Inc

Back Button CMPA5585025F-TB Datasheet HTML 4Page - Cree, Inc CMPA5585025F-TB Datasheet HTML 5Page - Cree, Inc CMPA5585025F-TB Datasheet HTML 6Page - Cree, Inc CMPA5585025F-TB Datasheet HTML 7Page - Cree, Inc CMPA5585025F-TB Datasheet HTML 8Page - Cree, Inc CMPA5585025F-TB Datasheet HTML 9Page - Cree, Inc CMPA5585025F-TB Datasheet HTML 10Page - Cree, Inc CMPA5585025F-TB Datasheet HTML 11Page - Cree, Inc CMPA5585025F-TB Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
CMPA5585025F Rev 4.1
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2011-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective owners and do not imply specific
product and/or vendor endorsement, sponsorship or association.
Typical Performance of the CMPA5585025F
Figure 10. CMPA5585025F - C-band Output Power, Gain and PAE vs Input Power
V
DS = 28 V, IDS = 1.2 A, CW
Figure 11. CMPA5585025F - X-band Output Power, Gain and PAE vs Input Power
V
DS = 28 V, IDS = 1.2 A, CW
Figure 12. CMPA5585025F - Power, Gain and PAE vs Frequency
V
DS = 28 V, IDS = 1.2 A, CW
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
Input Power (dBm)
CMPA5585025F C-band Output Power, Gain and PAE vs Input Power
Vdd = 28 V, Idq = 1.2 A, CW
5.8 GHz Gain
5.8 GHz PAE
6.4 GHz Gain
6.4 GHz PAE
7.2 GHz Gain
7.2 GHz PAE
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
Input Power (dBm)
CMPA5585025F X-band Output Power, Gain and PAE vs Input Power
Vdd = 28 V, Idq = 1.2 A, CW
7.9 GHz Gain
7.9 GHz PAE
8.4 GHz Gain
8.4 GHz PAE
0
5
10
15
20
25
30
35
40
45
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
Frequency (GHz)
CMPA5585025F Psat vs Frequency
Vdd = 28 V, Idq = 1.2 A, CW
Psat
Gain
PAE


Similar Part No. - CMPA5585025F-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA5585025D CREE-CMPA5585025D Datasheet
348Kb / 7P
   25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
More results

Similar Description - CMPA5585025F-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA5585025D CREE-CMPA5585025D Datasheet
348Kb / 7P
   25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
CMPA5585030F CREE-CMPA5585030F Datasheet
1Mb / 17P
   30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA5585030F WOLFSPEED-CMPA5585030F Datasheet
2Mb / 17P
   30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev. 2.0, 2022-10-12
logo
Cree, Inc
CMPA5585030D CREE-CMPA5585030D Datasheet
453Kb / 9P
   30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA5585030D WOLFSPEED-CMPA5585030D Datasheet
297Kb / 9P
   30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev. 2.0, 2022-8-23
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
   25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com