Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCSESU043F1N0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TCSESU043F1N0
Description  Ethernet TCP/IP switch - ConneXium - 4 ports for copper 1 for fiber optic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCSESU043F1N0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TCSESU043F1N0 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCSESU043F1N0 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCSESU043F1N0 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mar 9, 2013
1
Product data sheet
Characteristics
TCSESU043F1N0
Ethernet TCP/IP switch - ConneXium - 4 ports
for copper + 1 for fiber optic
Main
Range of product
ConneXium
Product or component
type
Ethernet TCP/IP unmanaged switch
Concept
Transparent Ready
Communication port
protocol
Ethernet TCP/IP
Port Ethernet
10BASE-T/100BASE-TX - 4 port(s) copper cable
100BASE-FX - 1 port(s) fiber optic
Maximum number of
switches in cascade
Unlimited
Complementary
Integrated connection type
Shielded RJ45 copper cable
Duplex SC fiber optic
Transmission support medium
Multimode optical fiber for fiber optic
Twisted shielded pairs cable CAT 5E for copper cable
Cable length
100 m copper cable
Optic fiber length
50/125 µm
62.2/125 µm
Attenuation
8 dB 50/125 µm
11 dB 62.2/125 µm
Ethernet service
Automatic negotiation of 10/100 Mbit/s and duplex mode
Auto MDI/MDX
Automatic change of polarity
Storage and re-routing of received data
[Us] rated supply voltage
24 V
Supply voltage limits
9.6...32 V DC SELV
Power consumption
3.9 W
Electrical connection
Removable connector 3 ways power supply
Marking
CE
Local signalling
1 LED per channel 10 or 100 Mbit/s data rate
1 LED per channel copper port activity
1 LED power supply
1 LED fiber port state and activity
Ethernet cabling system
TF switches
Width
25 mm
Height
114 mm
Depth
79 mm
Product weight
0.12 kg
Environment
Ambient air temperature for operation
0...60 °C
Relative humidity
> 0...95 % without condensation
IP degree of protection
IP30
Standards
CSA C22.2 No 142
CUL 508
Product certifications
CE


Similar Part No. - TCSESU043F1N0

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TCSESU051F0 SCHNEIDER-TCSESU051F0 Datasheet
103Kb / 2P
   ConneXium Unmanaged Switch - 5 ports for copper - IP67 - M12
TCSESU053FN0 SCHNEIDER-TCSESU053FN0 Datasheet
90Kb / 3P
   Ethernet TCP/IP switch - ConneXium - 5 ports for copper
Aug 11, 2019
TCSESU083FN0 SCHNEIDER-TCSESU083FN0 Datasheet
81Kb / 2P
   Ethernet TCP/IP switch - ConneXium - 8 ports for copper
More results

Similar Description - TCSESU043F1N0

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TCSESM103F2LG0 SCHNEIDER-TCSESM103F2LG0 Datasheet
116Kb / 3P
   Ethernet TCP/IP managed switch - ConneXium - 8 ports copper 2 for fiber optic
Aug 11, 2019
TCSESU053FN0 SCHNEIDER-TCSESU053FN0 Datasheet
90Kb / 3P
   Ethernet TCP/IP switch - ConneXium - 5 ports for copper
Aug 11, 2019
TCSESU083FN0 SCHNEIDER-TCSESU083FN0 Datasheet
81Kb / 2P
   Ethernet TCP/IP switch - ConneXium - 8 ports for copper
TCSESM083F23F0 SCHNEIDER-TCSESM083F23F0 Datasheet
115Kb / 3P
   Ethernet TCP/IP managed switch - ConneXium - 8 ports for copper
Aug 11, 2019
TCSESB083F23F0 SCHNEIDER-TCSESB083F23F0 Datasheet
104Kb / 3P
   Ethernet TCP/IP basic managed switch - ConneXium - 8 ports for copper
Aug 11, 2019
TCSESM103F23G0 SCHNEIDER-TCSESM103F23G0 Datasheet
115Kb / 3P
   Ethernet TCP/IP managed switch - ConneXium - 8 ports for copper 2 for Gbit
Aug 11, 2019
TCSESPU053F1CU0 SCHNEIDER-TCSESPU053F1CU0 Datasheet
70Kb / 2P
   ConneXium Premium Unmanaged Switch - 4 ports for copper 1 ports for fiber optic multimode
Jul 21, 2021
TCSESPU053F1CS0 SCHNEIDER-TCSESPU053F1CS0 Datasheet
70Kb / 2P
   ConneXium Premium Unmanaged Switch - 4 ports for copper 1 ports for fiber optic singlemode
Jul 21, 2021
TCSESPU093F2CU0 SCHNEIDER-TCSESPU093F2CU0 Datasheet
75Kb / 2P
   ConneXium Premium Unmanaged Switch - 7 ports for copper 2 ports for fiber optic multimode
Jul 21, 2021
TCSESPU093F2CS0 SCHNEIDER-TCSESPU093F2CS0 Datasheet
74Kb / 2P
   ConneXium Premium Unmanaged Switch - 7 ports for copper 2 ports for fiber optic singlemode
Jul 21, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com