Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH395320480BCNDMNTFCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH395320480BCNDMNTFCWC
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH395320480BCNDMNTFCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH395320480BCNDMNTFCWC Datasheet HTML 6Page - Jewel Hill Electronic JH395320480BCNDMNTFCWC Datasheet HTML 7Page - Jewel Hill Electronic JH395320480BCNDMNTFCWC Datasheet HTML 8Page - Jewel Hill Electronic JH395320480BCNDMNTFCWC Datasheet HTML 9Page - Jewel Hill Electronic JH395320480BCNDMNTFCWC Datasheet HTML 10Page - Jewel Hill Electronic JH395320480BCNDMNTFCWC Datasheet HTML 11Page - Jewel Hill Electronic JH395320480BCNDMNTFCWC Datasheet HTML 12Page - Jewel Hill Electronic JH395320480BCNDMNTFCWC Datasheet HTML 13Page - Jewel Hill Electronic JH395320480BCNDMNTFCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH395320480B
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
GND
Ground
2
VDDIO
Power Supply2.8V
3
IOVCC
Power Supply(2.8V-1.8V)
4
CS
Chip select input pin
5
RS
Data/Command Write Select pin
6
WR
Write execution control pin
7
RD
Read execution control pin
8
RESET
System Reset Pin
9-24
DB0-DB15
Data Bus
25
GND
Ground
26
XR
Touch panel Right side(NC)
27
YD
Touch panel down side(NC)
28
XL
Touch panel Left side(NC)
29
YU
Touch panel Up side(NC)
30
LED_K1
LEDK1-
31
LED_K2
LEDK2-
32
LED_K3
LEDK3-
33
LED_K4
LEDK4-
34
LED_K5
LEDK5-
35
LED_K6
LEDK6-
36
LED_A
LED+
37
LED_A
LED+
38
GND
Ground
39
NC
NC


Similar Part No. - JH395320480BCNDMNTFCWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH395320480A JHE-JH395320480A Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH395320480ACNDMNFFCWC JHE-JH395320480ACNDMNFFCWC Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH395320480ACNDMNFFCWN JHE-JH395320480ACNDMNFFCWN Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH395320480ACNDMNFFEWC JHE-JH395320480ACNDMNFFEWC Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH395320480ACNDMNFFEWN JHE-JH395320480ACNDMNFFEWN Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH395320480BCNDMNTFCWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com