Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR4-575L-30K-12-GU24 Datasheet(PDF) 2 Page - Cree, Inc

Part # CR4-575L-30K-12-GU24
Description  CR4 LED Downlight - 4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CR4-575L-30K-12-GU24 Datasheet(HTML) 2 Page - Cree, Inc

  CR4-575L-30K-12-GU24 Datasheet HTML 1Page - Cree, Inc CR4-575L-30K-12-GU24 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Open Space
Spacing
Lumens
Wattage
LPW
w/ft2
Average FC
4 x 4
575
9.5
61
0.52
38
6 x 6
0.25
18
8 x 8
0.14
10
10 x 10
0.08
6
10' Ceiling, 80/50/20 Reflectances, 2.5 workplane. LLF: 1.0 Initial. Open Space: 50' x 40' x 10'
Corridor
Spacing
Lumens
Wattage
LPW
w/ft2
Average FC
4' on Center
575
9.5
61
0.33
15
6' on Center
0.23
10
8' on Center
0.17
8
10' on Center
0.13
6
10' Ceiling, 80/50/20 Reflectances, Light levels on the ground. LLF: 1.0 Initial. Corridor: 6' Wide x 100' Long
Application Reference
Installation
• Designed to easily install in standard 4” (102mm)
downlight housings*
• Quick install system utilizes a unique retention
feature. Simply attach socket to CR4. Move light to
ready position and slide into housing
CR4™ LED Downlight - 4"
Product Specifications
CREE TRUEWHITE® TECHNOLOGY
A revolutionary way to generate high-quality white light, Cree TrueWhite® Technology is
a patented approach that delivers an exclusive combination of 90+ CRI, beautiful light
characteristics, and lifelong color consistency, all while maintaining high luminous efficacy –
a true no compromise solution.
CONSTRUCTION & MATERIALS
• Durable upper housing protects LEDs, driver and power supply. Adjustable flip clips
resist heat while providing retention for flush ceiling fit
• Thermal management system uses the lower reflector to conduct heat away from
LEDs and transfer it to the plenum space for optimal performance. LED junction
temperatures stay below specified maximum even when installed in attic
insulation
• Suitable for insulated and non-insulated ceilings
• One-piece aluminum lower reflector redirects light while also conducting heat away
from LEDs. It creates a comfortable visual transition from the lens to the ceiling plane
OPTICAL SYSTEM
• Unique combination of reflective and refractive optical components achieves a
uniform, comfortable appearance while eliminating pixelation and color fringing. This
ensures smooth light patterns are projected with no hot spots and minimal striations
• Components work together to optimize distribution, balancing the delivery of high
illuminance levels on horizontal surfaces with an ideal amount of light on walls and
vertical surfaces. This increases the perception of spaciousness
• Diffusing polycarbonate lens shields direct view of LEDs
ELECTRICAL SYSTEM
• Integral, high-efficiency driver and power supply
• Power Factor: > 0.9
• Total Harmonic Distortion: < 20%
• Input Voltage: 120V, 60Hz
• Dimming: Dimmable to 5% with most incandescent dimmers*
• Operating Temperature Range: 0-35˚C (32-95˚F)
REGULATORY & VOLUNTARY QUALIFICATIONS
• ENERGY STAR® qualified. Please refer to
www.energystar.gov/certified-products/certified-products?c=products.pr_find_es_
products&s=mega for most current information
• cULus Listed
• Suitable for wet locations
• Exceeds California Title-24 high efficacy luminaire requirements
* Reference www.cree.com/Lighting/Products/Indoor/Downlights-US/CR-Series for recommended dimmers
NOTE: Reference www.cree.com/Lighting/Products/Indoor/Downlights-US/
CR-Series for detailed installation instructions
*Reference www.cree.com/Lighting/Products/Indoor/Downlights-US/CR-
Series for a list of compatible housings
Reference www.cree.com/Lighting/Products/Indoor/Downlights-US/
CR-Series for detailed photometric data
20˚
50˚
70˚
90˚
73
0
290
145
218
90˚
Photometry
CR4-575L-27K-12-E26 BASED ON ONSPEX REPORT #: 2539163
Luminaire photometry has been conducted by a NVLAP accredited testing laboratory in
accordance with IESNA LM-79-08. IESNA LM-79-08 specifies the entire luminaire as the source
resulting in a luminaire efficiency of 100%.
Coefficients Of Utilization – Zonal Cavity
Method
RC %:
80
RW %:
70
50
30
10
RCR: 0
119
119
119
119
1
111
107
103
100
2
102
95
90
85
3
95
85
78
73
4
87
77
69
63
5
81
70
62
56
6
75
63
55
50
7
70
58
50
44
8
66
53
45
40
9
62
49
42
36
10
58
46
38
33
Effective Floor Cavity Reflectance: 20%
Average Luminance Table (cd/m2)
Horizontal Angle
45°
90°
45°
34,995
35,444
34,705
55°
24,720
24,908
24,164
65°
14,219
14,566
14,273
75°
10,650
10,367
9,939
85°
9,957
10,666
10,480
Zonal Lumen Summary
Zone
Lumens
% Lamp
Luminaire
0-30
219
N/A
37.0%
0-40
346
N/A
58.5%
0-60
533
N/A
90.1%
0-90
591
N/A
100.0%
0-180
591
N/A
100.0%
© 2015 Cree, Inc. and/or one of its subsidiaries. All rights reserved. For informational purposes only. Content is subject to
change. Patent www.cree.com/patents. Cree®, TrueWhite®, and Cree TrueWhite® are registered trademarks, and the Cree
logo, CR4™, the Cree TrueWhite Technology logo, and the Quick Ship logo are trademarks of Cree, Inc. ENERGY STAR® and
the ENERGY STAR logo are registered trademarks of the U.S. Environmental Protection Agency. The UL logo is a registered
trademark of UL LLC.
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada


Similar Part No. - CR4-575L-30K-12-GU24

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CR40-010 CENTRAL-CR40-010 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
CR40-020 CENTRAL-CR40-020 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
CR40-040 CENTRAL-CR40-040 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
CR40-060 CENTRAL-CR40-060 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
CR40-080 CENTRAL-CR40-080 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
More results

Similar Description - CR4-575L-30K-12-GU24

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LR6 CREE-LR6 Datasheet
409Kb / 2P
   LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
   LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
   LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
   LED Downlight
LR4 CREE-LR4 Datasheet
424Kb / 2P
   Architectural LED Downlight
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
   Dimmable LED Downlight
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
   CR6 LED Downlight - 6
LR6-DR650 CREE-LR6-DR650 Datasheet
506Kb / 2P
   Deep Recess LED Downlight
logo
Dialight Corporation
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
   DuroSite짰 Series LED Downlight
RTO2W07001 DIALIGHT-RTO2W07001 Datasheet
147Kb / 2P
   SafeSite짰 Series LED Downlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com