Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR24-50L-30K-S Datasheet(PDF) 1 Page - Cree, Inc

Part # CR24-50L-30K-S
Description  CR24 Architectural LED Troffer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CR24-50L-30K-S Datasheet(HTML) 1 Page - Cree, Inc

  CR24-50L-30K-S Datasheet HTML 1Page - Cree, Inc CR24-50L-30K-S Datasheet HTML 2Page - Cree, Inc CR24-50L-30K-S Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: Use of Expanded Junction Box will expand the depth to 6.67" and Emergency
Backup will expand the depth to 6.30". Use of 347V will increase fixture height by 1.4"
4.75"
(121mm)
23.7"
(602mm)
47.7"
(1212mm)
See www.cree.com/lighting/products/warranty for warranty terms
* Acceptable for use with standard 9/16 T-Bar or larger when installed per installation instructions. Consult factory for non-standard grid applications
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
CR Series
CR24™ 2' x 4' Architectural LED Troffer
Product Description
The CR24™ architectural LED troffer delivers up to 130 lumens per watt of exceptional 90 CRI light at
4000 lumens. This breakthrough performance is achieved by combining the high efficacy and high-
quality light of Cree TrueWhite® Technology with a unique thermal management design. Its design
makes the CR24 perfect for use in commercial new construction or renovated spaces. The CR24
product family is available in warm, neutral, cool, or daylight color temperatures and has step, 0-10V,
or Lutron EcoSystem® Enabled dimming options.
Performance Summary
Utilizes Cree TrueWhite® Technology (90 CRI)
Room-Side Heat Sink
Efficacy: 90-130 LPW
Initial Delivered Lumens: 2,200, 3,100, 4,000, 5,000 lumens
Input Power: 22-50 watts
CRI: 90 CRI (Cree TrueWhite® Technology), 80+ CRI
CCT: 3000K, 3500K, 4000K, 5000K
Input Voltage: 120-277 VAC or 347 VAC*
Limited Warranty: 10 years
Controls: Step Level to 50%, 0-10V Dimming or Lutron EcoSystem Enabled to 5%1
Mounting: Recessed*
Accessories
Field-Installed
Adjustable Cable
AC5 72 PD8 JB
AC5 18/4 72 PD8 JB
Chicago Plenum Field Kit
CPLCR
Chicago Plenum Field Kit-Emergency
CPLCR EM
Junction Box
EJBCR 5PK
- Expanded size junction box for through
wiring (5 pack)
Power Whip
PW 18/4 06 9T/SS CR
347 Volt
CR 347V
Step Dimming to 50%
CR 347V SD
Surface Mount Kit
SMK CR24
Ordering Information
Example: CR24-40L-40K-10V
CR24
Product
Initial Delivered Lumens
CCT
Voltage
Control
Options
CR24
22L1
22W, 2200 lumens – 100 LPW
- Only available in 35K or 40K options
31L1
34W 3100 lumens – 90 LPW
40L
40W 4000 lumens – 100 LPW
40LHE1
30.5W 4000 lumens – 130 LPW (30K)
32W 4000 lumens – 125 LPW (35K)
33W 4000 lumens – 120 LPW (40K)
34.5W 4000 lumens – 115 LPW (50K)
50L2
50W 5000 lumens – 100 LPW
30K
3000K
35K
3500K
40K
4000K
50K
5000K
Blank
120-277 Volt
34V
347 Volt
- Integrated option available on 40L only.
Other types require addition of a 347
accessory kit (see table above)
S
Step Dimming to 50%
10V
0-10V Dimming to 5%
LES3
Lutron EcoSystem® Enabled to 5%
HD
CRI 80+ (44W 4000 lumens - 90 LPW)
- Available only with 40L
EB144,5
Emergency Backup - 1400 lumens
- Not for use with SMK Kits. Use EB14SMK
EB14SMK4,5
Emergency Backup with surface mount kit - 1400 lumens
- Includes surface mount kit accessory
(SMK-CR14)
Rev. Date: V4 10/28/2015
1. Not available with HD
2. Not available with HD, EB14, EB14SMK
3. Not available in the following options: 22L: 30K or 50K; 31L: All Colors; 40LHE: All Colors
4. Not available in 50L
5. Not available in LES types except 40L LES type
NOTE: Price adder may apply depending on configuration


Similar Part No. - CR24-50L-30K-S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR24-40L-30K-CMA CREE-CR24-40L-30K-CMA Datasheet
371Kb / 3P
   CR24 Architectural LED Troffer
CR24-40L-35K-CMA CREE-CR24-40L-35K-CMA Datasheet
371Kb / 3P
   CR24 Architectural LED Troffer
CR24-40L-40K-CMA CREE-CR24-40L-40K-CMA Datasheet
371Kb / 3P
   CR24 Architectural LED Troffer
CR24-40L-50K-CMA CREE-CR24-40L-50K-CMA Datasheet
371Kb / 3P
   CR24 Architectural LED Troffer
CR24-40L-ACK-CMA CREE-CR24-40L-ACK-CMA Datasheet
371Kb / 3P
   CR24 Architectural LED Troffer
More results

Similar Description - CR24-50L-30K-S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR24-40L-35K-CMA CREE-CR24-40L-35K-CMA Datasheet
371Kb / 3P
   CR24 Architectural LED Troffer
CR14-40L-35K-CMA CREE-CR14-40L-35K-CMA Datasheet
370Kb / 3P
   CR14 Architectural LED Troffer
CR14-40L-35K-S CREE-CR14-40L-35K-S Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
CR22-20L-35K-S CREE-CR22-20L-35K-S Datasheet
406Kb / 3P
   CR22 Architectural LED Troffer
CR24 CREE-CR24 Datasheet
333Kb / 2P
   2x4 Architectural LED Troffer
CR22-32L-35K-CMA CREE-CR22-32L-35K-CMA Datasheet
369Kb / 3P
   CR22 Architectural LED Troffer with Cree SmartCast Technology
ZR14 CREE-ZR14 Datasheet
392Kb / 5P
   ZR LED Troffer
LR4 CREE-LR4 Datasheet
424Kb / 2P
   Architectural LED Downlight
logo
OSRAM GmbH
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
   Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
   Architectural lighting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com