Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR5AS-12 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # CR5AS-12
Description  Glass Passivation Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

CR5AS-12 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  CR5AS-12 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. CR5AS-12 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. CR5AS-12 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. CR5AS-12 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. CR5AS-12 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. CR5AS-12 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. CR5AS-12 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CR5AS-12
Performance Curves
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
100
25 7
3101
40
20
102
42
5 7
34
60
80
100
30
10
50
70
90
0
3.8
0.6
1.4
2.2
3.0
1.0
1.8
2.6
3.4
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
Gate Current (mA)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Gate Characteristics
102
100
10–1
7
5
3
2
101
7
5
3
2
100
7
5
3
2
7
5
23 5 7
101
23 5 7
102
23 5 7
23
10–1
IGT = 200
µA
(Tj = 25°C)
VGD = 0.1V
IFGM = 0.3A
120 140
60
–20
–40
–60
0
20 40
80 100
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
# 1
# 2
Typical Example
# 1
11
µA
# 2
61
µA
IGT(25°C)
RL = 60
VD = 6V
Maximum Transient Thermal
Impedance Characteristics
(Junction to case, Junction to ambient)
Time (s)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
1.0
0.8
0.7
0.6
0.3
0.4
0.1
0
120 140
–40
–60
–20
20
80
0.2
0.5
0.9
060
40
100
Tj = 25°C
23
100
57 101 23 5 7 102 23 5 7 103
101
23
10–3
5710–2 23 5 710–1 23 5 7 100
103
7
5
3
2
102
7
5
3
2
7
5
3
2
100
Junction to ambient
Junction to case
Distribution
Typical Example
Tc = 25°C
PGM = 0.5W
VFGM = 6V
VGT = 0.8V
PG(AV) = 0.1W
www.kersemi.com


Similar Part No. - CR5AS-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12 RENESAS-CR5AS-12 Datasheet
81Kb / 8P
   Thyristor Medium Power Use
CR5AS-12 RENESAS-CR5AS-12 Datasheet
105Kb / 8P
   Thyristor Medium Power Use
logo
HAOPIN MICROELECTRONICS...
CR5AS-12 HAOPIN-CR5AS-12 Datasheet
527Kb / 6P
   Blocking voltage to 600 V
logo
Renesas Technology Corp
CR5AS-12-A1 RENESAS-CR5AS-12-A1 Datasheet
105Kb / 8P
   Thyristor Medium Power Use
CR5AS-12-T13 RENESAS-CR5AS-12-T13 Datasheet
81Kb / 8P
   Thyristor Medium Power Use
More results

Similar Description - CR5AS-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR1AM-12 MITSUBISHI-BCR1AM-12 Datasheet
106Kb / 5P
   LOW POWER USE GLASS PASSIVATION TYPE
CR02AM-8A MITSUBISHI-CR02AM-8A Datasheet
67Kb / 5P
   LOW POWER USE GLASS PASSIVATION TYPE
CR04AM MITSUBISHI-CR04AM Datasheet
75Kb / 6P
   LOW POWER USE GLASS PASSIVATION TYPE
BCR10UM MITSUBISHI-BCR10UM Datasheet
55Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Powerex Power Semicondu...
CR6PM POWEREX-CR6PM Datasheet
69Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR12UM MITSUBISHI-BCR12UM Datasheet
56Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
CR6PM MITSUBISHI-CR6PM Datasheet
69Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR16UM MITSUBISHI-BCR16UM Datasheet
55Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR8UM MITSUBISHI-BCR8UM Datasheet
55Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR30GM MITSUBISHI-BCR30GM Datasheet
90Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com