Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHF9540S Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # SIHF9540S
Description  Available in Tape and Reel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

SIHF9540S Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  SIHF9540S Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. SIHF9540S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. SIHF9540S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. SIHF9540S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. SIHF9540S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. SIHF9540S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. SIHF9540S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. SIHF9540S Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF9540S, SiHF9540S
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Surface Mount
• Available in Tape and Reel
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• P-Channel
• 175 °C Operating Temperature
•Fast Switching
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
The D2PAK (TO-263) is a surface mount power package
capable of accommodating die sizes up to HEX-4. It
provides the highest power capability and the lowest
possible on-resistance in any existing surface mount
package. The D2PAK (TO-263) is suitable for high current
applications
because
of
its low
internal
connection
resistance and can dissipate up to 2.0 W in a typical surface
mount application.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = - 25 V, starting TJ = 25 °C, L = 2.7 mH, Rg = 25 , IAS = - 19 A (see fig. 12).
c. ISD  - 19 A, dI/dt  200 A/μs, VDD  VDS, TJ  175 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material)
PRODUCT SUMMARY
VDS (V)
- 100
RDS(on) ()VGS = - 10 V
0.20
Qg (Max.) (nC)
61
Qgs (nC)
14
Qgd (nC)
29
Configuration
Single
S
G
D
P-Channel MOSFET
D2PAK (TO-263)
G D
S
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
Lead (Pb)-free and Halogen-free
SiHF9540S-GE3
SiHF9540STRL-GE3a
Lead (Pb)-free
IRF9540SPbF
IRF9540STRLPbFa
SiHF9540S-E3
SiHF9540STL-E3a
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at - 10 V
TC = 25 °C
ID
- 19
A
TC = 100 °C
- 13
Pulsed Drain Currenta
IDM
- 72
Linear Derating Factor
1.0
W/°C
Linear Derating Factor (PCB Mount)e
0.025
Single Pulse Avalanche Energyb
EAS
640
mJ
Repetitive Avalanche Currenta
IAR
- 19
A
Repetitive Avalanche Energya
EAR
15
mJ
Maximum Power Dissipation
TC = 25 °C
PD
150
W
Maximum Power Dissipation (PCB Mount)e
3.7
Peak Diode Recovery dV/dtc
dV/dt
- 5.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
2014-8-28
1
www.kersemi.com


Similar Part No. - SIHF9540S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHF9540S VISHAY-SIHF9540S Datasheet
176Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
SIHF9540S VISHAY-SIHF9540S Datasheet
203Kb / 10P
   Power MOSFET
09-Jul-2021
SIHF9540S VISHAY-SIHF9540S Datasheet
206Kb / 9P
   Power MOSFET
01-Jan-2022
SIHF9540S-E3 VISHAY-SIHF9540S-E3 Datasheet
203Kb / 10P
   Power MOSFET
09-Jul-2021
SIHF9540S-GE3 VISHAY-SIHF9540S-GE3 Datasheet
203Kb / 10P
   Power MOSFET
09-Jul-2021
More results

Similar Description - SIHF9540S

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF840S KERSEMI-IRF840S Datasheet
1Mb / 7P
   Available in Tape and Reel
IRF830S KERSEMI-IRF830S Datasheet
800Kb / 8P
   Available in Tape and Reel
logo
Anaren Microwave
XDL21-6-117 ANAREN-XDL21-6-117 Datasheet
363Kb / 3P
   Available in Tape & Reel
logo
DinTek Semiconductor Co...
DTL1N60 DINTEK-DTL1N60 Datasheet
3Mb / 12P
   Power MOSFET Available in Tape and Reel
DTL2N60 DINTEK-DTL2N60_13 Datasheet
3Mb / 11P
   Power MOSFET Available in Tape and Reel
logo
M/A-COM Technology Solu...
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
   Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
   Available on Tape and Reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
   Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
   Available on tape and reel
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com