Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP064N Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # IRFP064N
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFP064N Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRFP064N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
1000
2000
3000
4000
5000
6000
7000
8000
1
10
100
DS
V
, Drai n-to -So urce V oltag e (V)
A
V
= 0V,
f = 1 MH z
C
= C
+ C
, C
SH O R TED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
C iss
C os s
C rs s
0
4
8
12
16
20
0
30
60
90
120
150
180
Q
, To tal Ga te Ch arg e (nC )
G
A
FO R TES T CIRCUI T
SEE FIG U R E 13
I
= 5 9A
V
= 44 V
V
= 28 V
V
= 11 V
D
DS
DS
DS
10
100
1000
0.6
1.0
1.4
1.8
2.2
2.6
3.0
T = 2 5°C
J
V
= 0 V
GS
V
, So urce-to -D rain V olta ge (V )
SD
A
T = 175 °C
J
1
10
100
1000
1
10
100
V
, Dra in -to-So urce Vo ltag e (V)
DS
O PER ATION IN TH IS AR EA LIM ITE D
BY R DS(o n)
10µs
1 00µs
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le Pulse
C
J
IRFP064N
2014-8-14
4
www.kersemi.com


Similar Part No. - IRFP064N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
logo
Inchange Semiconductor ...
IRFP064N ISC-IRFP064N Datasheet
355Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFP064NPBF IRF-IRFP064NPBF Datasheet
2Mb / 9P
   HEXFET Power MOSFET
IRFP064NPBF IRF-IRFP064NPBF Datasheet
604Kb / 9P
   ULTRA LOW ON RESISTANCE
logo
Inchange Semiconductor ...
IRFP064NPBF ISC-IRFP064NPBF Datasheet
204Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRFP064N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com