Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP064N Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRFP064N
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFP064N Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFP064N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP064N
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.057 –––
V/°C
Reference to 25°C, ID = 1mA
…
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.008
VGS = 10V, ID = 59A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
42
–––
–––
S
VDS = 25V, ID = 59A
…
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
170
ID = 59A
Qgs
Gate-to-Source Charge
–––
–––
32
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
74
VGS = 10V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
14
–––
VDD = 28V
tr
Rise Time
–––
100
–––
ID = 59A
td(off)
Turn-Off Delay Time
–––
43
–––
RG = 2.5
tf
Fall Time
–––
70
–––
RD = 0.39Ω, See Fig. 10
„…
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
4000 –––
VGS = 0V
Coss
Output Capacitance
–––
1300 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
480
–––
ƒ = 1.0MHz, See Fig. 5
…
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
5.0
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
‚ V
DD = 25V, starting TJ = 25°C, L = 190µH
RG = 25Ω, IAS = 59A. (See Figure 12)
ƒ ISD ≤ 59A, di/dt ≤ 290A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
† Caculated continuous current based on maximum allowable
junction temperature; for recommended current-handling of the
package refer to Design Tip # 93-4
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 59A, VGS = 0V
„
trr
Reverse Recovery Time
–––
110
170
ns
TJ = 25°C, IF = 59A
Qrr
Reverse Recovery Charge
–––
450
680
nC
di/dt = 100A/µs
„…
Source-Drain Ratings and Characteristics
S
D
G
110
†
390
13
… Uses IRF3205 data and test conditions
2014-8-14
2
www.kersemi.com


Similar Part No. - IRFP064N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
logo
Inchange Semiconductor ...
IRFP064N ISC-IRFP064N Datasheet
355Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFP064NPBF IRF-IRFP064NPBF Datasheet
2Mb / 9P
   HEXFET Power MOSFET
IRFP064NPBF IRF-IRFP064NPBF Datasheet
604Kb / 9P
   ULTRA LOW ON RESISTANCE
logo
Inchange Semiconductor ...
IRFP064NPBF ISC-IRFP064NPBF Datasheet
204Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRFP064N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com