Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH35320480CCNRWNFFEWN Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH35320480CCNRWNFFEWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH35320480CCNRWNFFEWN Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH35320480CCNRWNFFEWN Datasheet HTML 6Page - Jewel Hill Electronic JH35320480CCNRWNFFEWN Datasheet HTML 7Page - Jewel Hill Electronic JH35320480CCNRWNFFEWN Datasheet HTML 8Page - Jewel Hill Electronic JH35320480CCNRWNFFEWN Datasheet HTML 9Page - Jewel Hill Electronic JH35320480CCNRWNFFEWN Datasheet HTML 10Page - Jewel Hill Electronic JH35320480CCNRWNFFEWN Datasheet HTML 11Page - Jewel Hill Electronic JH35320480CCNRWNFFEWN Datasheet HTML 12Page - Jewel Hill Electronic JH35320480CCNRWNFFEWN Datasheet HTML 13Page - Jewel Hill Electronic JH35320480CCNRWNFFEWN Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
JH35320480C
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Descriptio
Pin NO.
Symbol
Description
1
GND
Ground
2
RESET
System Reset Pin
3
CS
Chip select signal
4
SCLK
Serial Clock pin
5
ID
Identify pin
6
SDI
SPI interface input in
7
SDO
SPI interface 0utput
8-25
DB0-DB17
Data bus
26
GND
Ground
27
VSYNC
Vertical synchronizing signal
28
HSYNC
Horizontal synchronizing signal
29
DOTCLK
Dot clock signal
30
ENABLE
Input data enable control
31
GND
Ground
32
IOVCC
Power Supply1.8V-2.8V)
33
GND
Ground
34
VCC
Power Supply2.8V
35
GND
Ground
36
VLED+
LED Positive
37
VLED-
LED Negative
38
PWM OUT
Back light control pin
39
GND
Ground
40
GND
Ground


Similar Part No. - JH35320480CCNRWNFFEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH35320480A JHE-JH35320480A Datasheet
2Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH35320480ACNDMNFFCWC JHE-JH35320480ACNDMNFFCWC Datasheet
2Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH35320480ACNDMNFFCWN JHE-JH35320480ACNDMNFFCWN Datasheet
2Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH35320480ACNDMNFFEWC JHE-JH35320480ACNDMNFFEWC Datasheet
2Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH35320480ACNDMNFFEWN JHE-JH35320480ACNDMNFFEWN Datasheet
2Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH35320480CCNRWNFFEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com