Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM470R1B1MHFQS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SM470R1B1MHFQS
Description  16-/32-Bit RISC Flash Microcontroller
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM470R1B1MHFQS Datasheet(HTML) 4 Page - Texas Instruments

  SM470R1B1MHFQS Datasheet HTML 1Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 2Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 3Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 4Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 5Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 6Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 7Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 8Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
SM470R1B1M-HT
SPNS155I – SEPTEMBER 2009 – REVISED JUNE 2015
www.ti.com
The B1M device has one 10-bit-resolution, sample-and-hold MibADC. Each of the MibADC channels can
be converted individually or can be grouped by software for sequential conversion sequences. There are
three separate groupings, two of which can be triggered by an external event. Each sequence can be
converted once when triggered or configured for continuous conversion mode. For more detailed
functional information on the MibADC, see the TMS470R1x Multi-Buffered Analog-to-Digital Converter
(MibADC) Reference Guide (SPNU206).
The ZPLL clock module contains a phase-locked loop, a clock-monitor circuit, a clock-enable circuit, and a
prescaler (with prescale values of 1 to 8). The function of the ZPLL is to multiply the external frequency
reference to a higher frequency for internal use. The ZPLL provides ACLK to the system (SYS) module.
The SYS module subsequently provides system clock (SYSCLK), realtime interrupt clock (RTICLK), CPU
clock (MCLK), and peripheral interface clock (ICLK) to all other B1M device modules. For more detailed
functional information on the ZPLL, see the TMS470R1x Zero-Pin Phase-Locked Loop (ZPLL) Clock
Module Reference Guide (SPNU212).
NOTE
ACLK should not be confused with the MibADC internal clock, ADCLK. ACLK is the
continuous system clock from an external resonator/crystal reference.
The EBM is a standalone module that supports the multiplexing of the GIO functions and the expansion
bus interface. For more information on the EBM, see the TMS470R1x Expansion Bus Module (EBM)
Reference Guide (SPNU222).
The B1M device also has an external clock prescaler (ECP) module that when enabled, outputs a
continuous external clock (ECLK) on a specified GIO pin. The ECLK frequency is a user-programmable
ratio of the peripheral interface clock (ICLK) frequency. For more detailed functional information on the
ECP, see the TMS470R1x External Clock Prescaler (ECP) Reference Guide (SPNU202).
Table 1-1. Device Information(1)
PART NUMBER
PACKAGE
TA
KGD (0)
CFP (TBAR) (84)
–55°C to 220°C
SM470R1B1M-HT
CFP (84)
LQFP (144)
–55°C to 150°C
4
Device Overview
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: SM470R1B1M-HT


Similar Part No. - SM470R1B1MHFQS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM470R1B1MHFQS TI1-SM470R1B1MHFQS Datasheet
570Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
SM470R1B1MHFQS TI1-SM470R1B1MHFQS Datasheet
706Kb / 79P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
More results

Similar Description - SM470R1B1MHFQS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com