Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM470R1B1MKGDS1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SM470R1B1MKGDS1
Description  16-/32-Bit RISC Flash Microcontroller
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM470R1B1MKGDS1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SM470R1B1MKGDS1 Datasheet HTML 6Page - Texas Instruments SM470R1B1MKGDS1 Datasheet HTML 7Page - Texas Instruments SM470R1B1MKGDS1 Datasheet HTML 8Page - Texas Instruments SM470R1B1MKGDS1 Datasheet HTML 9Page - Texas Instruments SM470R1B1MKGDS1 Datasheet HTML 10Page - Texas Instruments SM470R1B1MKGDS1 Datasheet HTML 11Page - Texas Instruments SM470R1B1MKGDS1 Datasheet HTML 12Page - Texas Instruments SM470R1B1MKGDS1 Datasheet HTML 13Page - Texas Instruments SM470R1B1MKGDS1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
SM470R1B1M-HT
SPNS155I – SEPTEMBER 2009 – REVISED JUNE 2015
www.ti.com
4
Bare Die
4.1
Bare Die Information
DIE PAD
DIE
DIE PAD
BACKSIDE
BACKSIDE
DIE SIZE
DIE PAD SIZE
COORDINATES(1)
THICKNESS
COMPOSITION
FINISH
POTENTIAL
208.858 × 211.890 mils/
Silicon with
65.1 × 65.1 (µm)
See Table 4-1
11 mils
AlCu
Ground
5304.99 × 5382.01 µm
backgrind
(1)
Pads 12, 22, 26, 136, 143, 146, 149 and 152 are test pads, no connections required. It is highly recommended to leave them open.
10
Bare Die
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: SM470R1B1M-HT


Similar Part No. - SM470R1B1MKGDS1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM470R1B1MKGDS1 TI1-SM470R1B1MKGDS1 Datasheet
570Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
SM470R1B1MKGDS1 TI1-SM470R1B1MKGDS1 Datasheet
706Kb / 79P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
More results

Similar Description - SM470R1B1MKGDS1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com