Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28075PZPQ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28075PZPQ
Description  Microcontrollers
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28075PZPQ Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 6Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 7Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 8Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 9Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 10Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 11Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 12Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 13Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 182 page
background image
TMS320F28075
SPRS902B – OCTOBER 2014 – REVISED OCTOBER 2015
www.ti.com
Table 3-1. Device Comparison (continued)
FEATURE(1)
28075
Package Type (PTP is an HLQFP package. PZP is an HTQFP package.)
176-Pin PTP
100-Pin PZP
Communication Peripherals(3)
Controller Area Network (CAN) – Type 0(4)
2
Inter-Integrated Circuit (I2C) – Type 0
2
Multichannel Buffered Serial Port (McBSP) – Type 1
2
SCI – Type 0
4
3
Serial Peripheral Interface (SPI) – Type 2
3
Universal Serial Bus (USB) – Type 0
1
Temperature and Qualification
T: –40°C to 105°C
Yes
Junction Temperature (TJ)
S: –40°C to 125°C
Yes
Q: –40°C to 150°C(5)
Yes
Free-Air Temperature (TA)
Q: –40°C to 125°C(5)
Yes
(1) A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. For more information, see the C2000 Real-Time
Control Peripherals Reference Guide (SPRU566).
(2) Time between start of sample-and-hold window to start of sample-and-hold window of the next conversion.
(3) For devices that are available in more than one package, the peripheral count listed in the smaller package is reduced because the
smaller package has less device pins available. The number of peripherals internally present on the device is not reduced compared to
the largest package offered within a part number. See Section 4 to identify which peripheral instances are accessible on pins in the
smaller package.
(4) The CAN module uses the IP known as D_CAN. This document uses the names “CAN” and “D_CAN” interchangeably to reference this
peripheral.
(5) The letter Q refers to Q100 qualification for automotive applications.
10
Device Comparison
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28075


Similar Part No. - TMS320F28075PZPQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28075PZPQ TI1-TMS320F28075PZPQ Datasheet
2Mb / 188P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28075PZPQ TI-TMS320F28075PZPQ Datasheet
2Mb / 196P
[Old version datasheet]   TMS320F2807x Microcontrollers
TMS320F28075PZPQ TI-TMS320F28075PZPQ Datasheet
3Mb / 192P
[Old version datasheet]   TMS320F2807x Microcontrollers
More results

Similar Description - TMS320F28075PZPQ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com