Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACJT4 Datasheet(PDF) 6 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # ACJT4
Description  4A TRIACs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

ACJT4 Datasheet(HTML) 6 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  ACJT4 Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT4 Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT4 Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT4 Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT4 Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT4 Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT4 Datasheet HTML 7Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ACJT4 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 6 / 7-
http://www.jjwdz.com
PACKAGE MECHANICAL DATA
A
E
G
B
C
C2
Φ
Max
3
.5mm
C3
L2
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
B
C
C2
C3
D
E
F
G
H
L1
L2
L3
4.40
0.74
0.48
2.40
4.80
0.83
0.75
2.70
0.173
0.029
0.019
0.094
0.189
0.033
0.030
0.106
2.60
3.00
9.70
28.0
29.8
1.102
1.173
1.14
1.70
0.045
0.067
0.102
0.118
8.80
9.30
2.54
0.1
V1
0.346
0.366
10.3
0.382
0.406
6.40
7.00
0.252
0.276
3.30
0.130
45°
3.63
0.143
0.80
0.031
45°
TO-220F Ins
FIG.1 Maximum power dissipation versus RMS
on-state current
FIG.2: RMS on-state current versus case
temperature
IT(RMS) (A)
TO-251/TO-252/
TO-220A(Ins)
P(w)
0
1
2
3
4
5
0
1
2
IT(RMS) (A)
Tc (℃)
0
1
2
3
0
25
50
75
100
125
4
3
4
5
6
5
6
TO-220B
(Non-Ins)
TO-220F(Ins)/
SOT-223
α=180°


Similar Part No. - ACJT4

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
ACJT10 JIEJIE-ACJT10 Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10A JIEJIE-ACJT1010-10A Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10B JIEJIE-ACJT1010-10B Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10F JIEJIE-ACJT1010-10F Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
More results

Similar Description - ACJT4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
   4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
   4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
   4A TRIACs
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
   4A TRIACS
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
   4A TRIACS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com