Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACJT410-10V Datasheet(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # ACJT410-10V
Description  4A TRIACs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

ACJT410-10V Datasheet(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  ACJT410-10V Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT410-10V Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT410-10V Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT410-10V Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT410-10V Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT410-10V Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT410-10V Datasheet HTML 7Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
JIEJIE MICROELECTRONICS CO. , Ltd
TEL:+86-513-83639777
- 1 / 7-
http://www.jjwdz.com
ACJT4 Series
4A TRIACs
Rev.4.0
DESCRIPTION:
The ACJT4 series of double mesa technology provide high
interference immunity, They can be used as an static ON/OFF
function in electrical control system, and used as a driver of
low power and high inductance or resistive loads, such as
jet pumps of dishwashers, fans of air-conditioner ...
ACJT4xx-xxA provides insulation voltage rated at 2500V RMS
and ACJT4xx-xxF provides insulation voltage rated at 2000V
RMS from all three terminals to external heatsink.
MAIN FEATURES
Symbol
Value
Unit
IT(RMS)
4
A
VDRM /VRRM
1000
V
IGT
≤5 or ≤10 or ≤25
V/
μs
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Storage junction temperature range
Tstg
-40-150
Operating junction temperature range
Tj
-40-125
Repetitive peak off-state voltage( Tj =25℃)
VDRM
1000
V
Repetitive peak reverse voltage( Tj =25℃)
VRRM
1000
V
Non repetitive surge peak Off-state voltage
VDSM
VDRM +100
V
Non repetitive peak reverse voltage
VRSM
VRRM +100
V
RMS on-state
current
TO-251/ TO-252/
TO-220A(Ins) (TC=110℃)
IT(RMS)
4
A
TO-220B(Non-Ins)
(TC=115℃)
TO-220F(Ins)/ SOT-223
(TC=103℃)
Non repetitive surge peak on-state current
(full cycle, F=50Hz)
ITSM
30
A
TO-252
T1(1)
G(3)
T2(2)
TO-251
1
2
3
1
3
2
SOT-223
TO-220A
Insulated
TO-220F
Insulated
TO-220B
Non-Insulated
1
1
1
1
2
2
2
2
3
3
3
3


Similar Part No. - ACJT410-10V

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
ACJT10 JIEJIE-ACJT10 Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10A JIEJIE-ACJT1010-10A Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10B JIEJIE-ACJT1010-10B Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10F JIEJIE-ACJT1010-10F Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
More results

Similar Description - ACJT410-10V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
   4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
   4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
   4A TRIACs
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
   4A TRIACS
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
   4A TRIACS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com