Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACJT210-10H Datasheet(PDF) 7 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # ACJT210-10H
Description  2A TRIACs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

ACJT210-10H Datasheet(HTML) 7 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  ACJT210-10H Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT210-10H Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT210-10H Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT210-10H Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT210-10H Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT210-10H Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT210-10H Datasheet HTML 7Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ACJT2 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 7 / 7-
http://www.jjwdz.com
FIG.3: Surge peak on-state current versus
number of cycles
FIG.1 Maximum power dissipation versus RMS
on-state current
FIG.4: On-state characteristics (maximum
values)
FIG.2: RMS on-state current versus case
temperature
IT(RMS) (A)
TO-251/TO-252/
SOT-223
P(w)
0
0.5
1
1.5
2
2.5
0
1
IT(RMS) (A)
Tc (℃)
0
1
0
25
50
75
100
125
1
10
100
1000
Number of cycles
0
5
10
15
20
ITSM (A)
ITM (A)
VTM (V)
0
0.5
1.0
1.5
2.0
2.5
0
Tj=125℃
2
2
3
3
1
2
3
4
Tj=25℃
TO-92
SOT-89
TO-220F(Ins)/
TO-220FP(Ins)
α=180°
t=20ms
One cycle
FIG.6: Relative variations of holding current,
latching curretn versus junction temperature
-40
-20
0
20
40
60
80
100
120
140
IH,IL(Tj) /IH,IL(Tj=25℃)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Tj (℃)
FIG.5: Relative variations of gate trigger current
versus junction temperature
IGT(Tj) /IGT(Tj=25℃)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IGT1&IGT2
Tj (℃)
IH
IL
IGT3
Information furnished in this document is believed to be accurate and reliable. However,
Jiangsu JieJie Microelectronics Co.,Ltd assumes no responsibility for the consequences
of use without consideration for such information nor use beyond it.
Information mentioned in this document is subject to change without notice, apart from
that when an agreement is signed, Jiangsu JieJie complies with the agreement.
Products and information provided in this document have no infringement of patents.
Jiangsu JieJie assumes no responsibility for any infringement of other rights of third
parties which may result from the use of such products and information.
This document is the fourth version which is made in 10-June-2015. This document
supersedes and replaces all information previously supplied.
is a registered trademark of Jiangsu JieJie Microelectronics Co.,Ltd.
Copyright
© 2015 Jiangsu JieJie Microelectronics Co.,Ltd. Printed All rights reserved.


Similar Part No. - ACJT210-10H

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
ACJT10 JIEJIE-ACJT10 Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10A JIEJIE-ACJT1010-10A Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10B JIEJIE-ACJT1010-10B Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10F JIEJIE-ACJT1010-10F Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
More results

Similar Description - ACJT210-10H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com