Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACJT805-10H Datasheet(PDF) 6 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # ACJT805-10H
Description  8A TRIACs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

ACJT805-10H Datasheet(HTML) 6 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  ACJT805-10H Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT805-10H Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT805-10H Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT805-10H Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT805-10H Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT805-10H Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ACJT8 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 6 / 6-
http://www.jjwdz.com
FIG.3: Surge peak on-state current versus
number of cycles
FIG.6: Relative variations of holding current,
latching curretn versus junction temperature
FIG.1 Maximum power dissipation versus RMS
on-state current
FIG.4: On-state characteristics (maximum
values)
FIG.2: RMS on-state current versus case
temperature
IT(RMS) (A)
TO-251/ TO-252
P(w)
0
2
4
6
8
10
0
2
4
IT(RMS) (A)
Tc (℃)
0
2
4
6
0
25
50
75
100
125
1
10
100
1000
Number of cycles
0
20
40
ITSM (A)
ITM (A)
VTM (V)
0
0.5
1.0
1.5
2.0
2.5
0
Tj=125℃
-40
-20
0
20
40
60
80
100
120
140
IH,IL(Tj) /IH,IL(Tj=25℃)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
8
60
80
Tj (℃)
6
8
10
12
10
12
4
8
12
16
FIG.5: Relative variations of gate trigger current
versus junction temperature
-40
-20
0
20
40
60
80
100
120
140
IGT(Tj) /IGT(Tj=25℃)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IGT1&IGT2
Tj (℃)
IH
IL
IGT3
TO-220A(Ins)/
TO-220F(Ins)
Tj=25℃
TO-220B
(Non-Ins)
α=180°
t=20ms
One cycle
Information furnished in this document is believed to be accurate and reliable. However, Jiangsu
JieJie Microelectronics Co.,Ltd assumes no responsibility for the consequences of use without
consideration for such information nor use beyond it.
Information mentioned in this document is subject to change without notice, apart from that when
an agreement is signed, Jiangsu JieJie complies with the agreement.
Products and information provided in this document have no infringement of patents. Jiangsu
JieJie assumes no responsibility for any infringement of other rights of third parties which may
result from the use of such products and information.
This document is the third version which is made in 12-June-2015. This document supersedes
and replaces all information previously supplied.
is a registered trademark of Jiangsu JieJie Microelectronics Co.,Ltd.
Copyright
© 2015 Jiangsu JieJie Microelectronics Co.,Ltd. Printed All rights reserved.


Similar Part No. - ACJT805-10H

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
ACJT10 JIEJIE-ACJT10 Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10A JIEJIE-ACJT1010-10A Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10B JIEJIE-ACJT1010-10B Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10F JIEJIE-ACJT1010-10F Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
More results

Similar Description - ACJT805-10H

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com