Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACJT1035-10B Datasheet(PDF) 3 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # ACJT1035-10B
Description  The ACJT10 series of double mesa technology provide high interference immunity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

ACJT1035-10B Datasheet(HTML) 3 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  ACJT1035-10B Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT1035-10B Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT1035-10B Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT1035-10B Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT1035-10B Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ACJT10 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 3 / 5-
http://www.jjwdz.com
ORDERING INFORMATION
AC
J
T
10
35
-10
F
AC switch
IT(RMS):10A
10: IGT1-3≤10mA
35: IGT1-3≤35mA
50: IGT1-3≤50mA
A:TO-220A(Ins)
F:TO-220F(Ins)
B:TO-220B(Non-Ins)
JieJie Microelectronics Co.,Ltd
Triacs
10:VDRM /VRRM≥1000V
PACKAGE MECHANICAL DATA
A
C2
C3
C
E
G
B
L2
Φ
Ma
x 3
.8mm
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
B
C
C2
C3
D
E
F
G
H
L1
L2
L3
4.40
0.61
0.46
1.21
4.60
0.88
0.70
1.32
0.173
0.024
0.018
0.048
0.181
0.035
0.028
0.052
2.40
2.72
9.80
28.0
29.8
1.102
1.173
1.14
1.70
0.045
0.067
0.094
0.107
8.60
9.70
2.54
0.1
V1
0.339
0.382
10.4
0.386
0.409
6.55
6.95
0.258
0.274
2.65
2.95
0.104
0.116
45
°
45
°
3.75
0.148
TO-220A Ins


Similar Part No. - ACJT1035-10B

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
ACJT105-10U JIEJIE-ACJT105-10U Datasheet
376Kb / 5P
   1A TRIACs
ACJT105-10V JIEJIE-ACJT105-10V Datasheet
376Kb / 5P
   1A TRIACs
More results

Similar Description - ACJT1035-10B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S1616MH STMICROELECTRONICS-S1616MH Datasheet
61Kb / 5P
   The S16xxxH series of SCRs uses a high performance MESA GLASS PNPN technology.
logo
IP SEMICONDUCTOR CO., L...
IPT04Q08-TED IPS-IPT04Q08-TED Datasheet
228Kb / 5P
   High current density due to double mesa technology
IPT08Q08-CEA IPS-IPT08Q08-CEA Datasheet
214Kb / 4P
   High current density due to double mesa technology
IPT0408-05I IPS-IPT0408-05I Datasheet
230Kb / 4P
   High current density due to double mesa technology
IPT12Q08-CEF IPS-IPT12Q08-CEF Datasheet
235Kb / 4P
   High current density due to double mesa technology
IPT20Q06-TEA IPS-IPT20Q06-TEA Datasheet
208Kb / 4P
   High current density due to double mesa technology
IPT20Q08-TEA IPS-IPT20Q08-TEA Datasheet
208Kb / 4P
   High current density due to double mesa technology
IPT08Q08-CED IPS-IPT08Q08-CED Datasheet
215Kb / 5P
   High current density due to double mesa technology
IPT0406-18F IPS-IPT0406-18F Datasheet
432Kb / 4P
   High current density due to double mesa technology
IPT0408-05D IPS-IPT0408-05D Datasheet
228Kb / 5P
   High current density due to double mesa technology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com