Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACJT1635-10B Datasheet(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # ACJT1635-10B
Description  16A TRIACs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

ACJT1635-10B Datasheet(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  ACJT1635-10B Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT1635-10B Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT1635-10B Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT1635-10B Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT1635-10B Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIEJIE MICROELECTRONICS CO. , Ltd
TEL:+86-513-83639777
- 1 / 5-
http://www.jjwdz.com
ACJT16 Series
16A TRIACs
Rev.3.0
DESCRIPTION:
The ACJT16 series of double mesa technology provide high
interference immunity, They can be used as an static ON/OFF
function in electrical control system, and used as a driver of
low power and high inductance or resistive loads, such as
jet pumps of dishwashers, fans of air-conditioner ...
ACJT16xx-xxA provides insulation voltage rated at 2500V
RMS and ACJT16xx-xxF provides insulation voltage rated at
2000V RMS from all three terminals to external heatsink.
MAIN FEATURES
Symbol
Value
Unit
IT(RMS)
16
A
VDRM /VRRM
1000
V
IGT
≤10 or ≤35 or ≤50
mA
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Storage junction temperature range
Tstg
-40-150
Operating junction temperature range
Tj
-40-125
Repetitive peak off-state voltage( Tj=25℃)
VDRM
1000
V
Repetitive peak reverse voltage( Tj=25℃)
VRRM
1000
V
Non repetitive surge peak Off-state voltage
VDSM
VDRM +100
V
Non repetitive peak reverse voltage
VRSM
VRRM +100
V
RMS on-state
current
TO-220A(Ins)/
TO-220F(Ins) (TC=92℃)
IT(RMS)
16
A
TO-220B(Non-Ins)
(TC=103℃)
Non repetitive surge peak on-state current
(full cycle, F=50Hz)
ITSM
160
A
I
2t value for fusing ( tp=10ms)
I
2t
128
A
2s
Rate of rise of on-state current (IG=2×IGT)
dIT/dt
50
A/
μs
T1(1)
G(3)
T2(2)
TO-220A
Insulated
TO-220F
Insulated
TO-220B
Non-Insulated
1
1
1
2
2
2
3
3
3


Similar Part No. - ACJT1635-10B

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
ACJT10 JIEJIE-ACJT10 Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10A JIEJIE-ACJT1010-10A Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10B JIEJIE-ACJT1010-10B Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10F JIEJIE-ACJT1010-10F Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
More results

Similar Description - ACJT1635-10B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
   16A TRIACS
logo
Unisonic Technologies
BTA16A UTC-BTA16A_15 Datasheet
195Kb / 4P
   16A TRIACS
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
   16A TRIACS
BTB16A UTC-BTB16A Datasheet
162Kb / 4P
   16A TRIACS
BTA16A UTC-BTA16A Datasheet
169Kb / 4P
   16A TRIACS
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
   16A Triacs
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
99Kb / 9P
   16A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST139 JIEJIE-JST139 Datasheet
394Kb / 6P
   16A TRIACs
logo
Tiger Electronic Co.,Lt...
BTB16-600B TGS-BTB16-600B Datasheet
87Kb / 1P
   16A TRIACS
logo
SiPower Inc.
BTA316X SIPOWER-BTA316X Datasheet
1Mb / 7P
   16A Triacs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com