Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2960-IBE3 Datasheet(PDF) 6 Page - Semtech Corporation

Part # GS2960-IBE3
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2960-IBE3 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button GS2960-IBE3 Datasheet HTML 2Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 3Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 4Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 5Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 6Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 7Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 8Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 9Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
GS2960 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Video Processing
Data Sheet
48003 - 6
September 2012
6 of 97
List of Figures
Figure 3-1: Digital Input Pin with Schmitt Trigger............................................................................... 23
Figure 3-2: Bidirectional Digital Input/Output Pin..............................................................................23
Figure 3-3: Bidirectional Digital Input/Output Pin with programmable drive strength ........ 24
Figure 3-4: XTAL1/XTAL2/XTAL-OUT ................................................................................................... 24
Figure 3-5: VBG .............................................................................................................................................. 24
Figure 3-6: LB_CONT .................................................................................................................................... 25
Figure 3-7: Loop Filter .................................................................................................................................. 25
Figure 3-8: SDI/SDI and TERM .................................................................................................................. 25
Figure 3-9: SDO/SDO .................................................................................................................................... 25
Figure 4-1: Level A Mapping ...................................................................................................................... 26
Figure 4-2: Level B Mapping ...................................................................................................................... 27
Figure 4-3: 27MHz Clock Sources ............................................................................................................ 30
Figure 4-4: PCLK to Data and Control Signal Output Timing - SDR Mode 1 .............................. 33
Figure 4-5: PCLK to Data and Control Signal Output Timing - SDR Mode 2 .............................. 34
Figure 4-6: PCLK to Data and Control Signal Output Timing - DDR Mode ................................. 35
Figure 4-7: DDR Video Interface .............................................................................................................. 38
Figure 4-8: Delay Adjustment Ranges .................................................................................................... 39
Figure 4-9: Switch Line Locking on a Non-Standard Switch Line ................................................. 41
Figure 4-10: H:V:F Output Timing - 3G Level A and HDTV 20-bit Mode .................................... 45
Figure 4-11: H:V:F Output Timing - 3G Level A and HDTV 10-bit Mode
3G Level B 20-bit Mode, each 10-bit stream ......................................................................................... 45
Figure 4-12: H:V:F Output Timing - 3G Level B 10-bit Mode .......................................................... 45
Figure 4-13: H:V:F Output Timing - HD 20-bit Output Mode ......................................................... 46
Figure 4-14: H:V:F Output Timing - HD 10-bit Output Mode ......................................................... 46
Figure 4-15: H:V:F Output Timing - SD 20-bit Output Mode .......................................................... 46
Figure 4-16: H:V:F Output Timing - SD 10-bit Output Mode .......................................................... 46
Figure 4-17: H:V:DE Output Timing 1280 x 720p @ 59.94/60 (Format 4) ................................... 48
Figure 4-18: H:V:DE Output Timing 1920 x 1080i @ 59.94/60 (Format 5) ................................. 48
Figure 4-19: H:V:DE Output Timing 720 (1440) x 480i @ 59.94/60 (Format 6&7) .................... 49
Figure 4-20: H:V:DE Output Timing 1280 x 720p @ 50 (Format 19) ............................................. 49
Figure 4-21: H:V:DE Output Timing 1920 x 1080i @ 50 (Format 20) ........................................... 50
Figure 4-22: H:V:DE Output Timing 720 (1440) x 576 @ 50 (Format 21 & 22) ........................... 51
Figure 4-23: H:V:DE Output Timing 1920 x 1080p @ 59.94/60 (Format 16) .............................. 51
Figure 4-24: H:V:DE Output Timing 1920 x 1080p @ 50 (Format 31) .......................................... 52
Figure 4-25: H:V:DE Output Timing 1920 x 1080p @ 23.94/24 (Format 32) .............................. 52
Figure 4-26: H:V:DE Output Timing 1920 x 1080p @ 25 (Format 33) .......................................... 53
Figure 4-27: H:V:DE Output Timing 1920 x 1080p @ 29.97/30 (Format 34) .............................. 53
Figure 4-28: Y/1ANC and C/2ANC Signal Timing .............................................................................. 62
Figure 4-29: Ancillary Data Extraction - Step A .................................................................................. 69
Figure 4-30: Ancillary Data Extraction - Step B ................................................................................... 70
Figure 4-31: Ancillary Data Extraction - Step C .................................................................................. 70
Figure 4-32: Ancillary Data Extraction - Step D .................................................................................. 71
Figure 4-33: GSPI Application Interface Connection ........................................................................ 73
Figure 4-34: Command Word Format ..................................................................................................... 74
Figure 4-35: Data Word Format ................................................................................................................ 74
Figure 4-36: Write Mode .............................................................................................................................. 75
Figure 4-37: Read Mode ............................................................................................................................... 75
Figure 4-38: GSPI Time Delay .................................................................................................................... 75
Figure 4-39: In-Circuit JTAG ...................................................................................................................... 90
Figure 4-40: System JTAG ........................................................................................................................... 90
Figure 4-41: Reset Pulse ............................................................................................................................... 91
Figure 7-1: Pb-free Solder Reflow Profile .............................................................................................. 96


Similar Part No. - GS2960-IBE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2960A GENNUM-GS2960A Datasheet
7Mb / 99P
   Ancillary data extraction
logo
Semtech Corporation
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results

Similar Description - GS2960-IBE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com