Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS6081 Datasheet(PDF) 9 Page - Semtech Corporation

Part # GS6081
Description  high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6081 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button GS6081 Datasheet HTML 5Page - Semtech Corporation GS6081 Datasheet HTML 6Page - Semtech Corporation GS6081 Datasheet HTML 7Page - Semtech Corporation GS6081 Datasheet HTML 8Page - Semtech Corporation GS6081 Datasheet HTML 9Page - Semtech Corporation GS6081 Datasheet HTML 10Page - Semtech Corporation GS6081 Datasheet HTML 11Page - Semtech Corporation GS6081 Datasheet HTML 12Page - Semtech Corporation GS6081 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
GS6081
Final Data Sheet
Rev.4
PDS-060046
July 2014
9 of 19
Proprietary & Confidential
www.semtech.com
3. Input/Output Circuits
Figure 3-1: Differential Input Stage (DDI/DDI)
Figure 3-2: Differential Output Stage (SDO1/SDO1,
SDO2/SDO2)
Figure 3-3: Control Input (DISABLE1, SD_EN, EQ_EN)
Figure 3-4: Control Input (DISABLE2)
VCC
VCC
DDI
DDI
50Ω
50Ω
5kΩ
10kΩ
EQ RC*
VCC
700pF
*RC Network
for Trace Equalization
VCC
VCC
IREF
SDO SDO
VCC
VCC
VCC
IN
VREF
Pull-up
80μA typical
(50-150μA)
VCC
VCC
IN
VREF
Pull-down
80μA typical
(50-150μA)
VCC


Similar Part No. - GS6081

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6080 SEMTECH-GS6080 Datasheet
716Kb / 19P
   Input signal trace equalization
GS6080-INE3 SEMTECH-GS6080-INE3 Datasheet
716Kb / 19P
   Input signal trace equalization
GS6080-INTE3 SEMTECH-GS6080-INTE3 Datasheet
716Kb / 19P
   Input signal trace equalization
More results

Similar Description - GS6081

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC2807 RENESAS-PC2807_15 Datasheet
183Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
UPC1934 RENESAS-UPC1934 Datasheet
360Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
UPD3140GS RENESAS-UPD3140GS Datasheet
507Kb / 20P
   BiCMOS INTEGRATED CIRCUIT
1996
UPC2807 RENESAS-UPC2807 Datasheet
183Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2000
UPC2918 RENESAS-UPC2918 Datasheet
403Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2002
UPC2807H RENESAS-UPC2807H Datasheet
210Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2002
UPC1933 RENESAS-UPC1933 Datasheet
341Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
UPC1935 RENESAS-UPC1935 Datasheet
352Kb / 30P
   BiCMOS INTEGRATED CIRCUIT
1998
UPD5740T6N RENESAS-UPD5740T6N Datasheet
403Kb / 22P
   SiGe BiCMOS INTEGRATED CIRCUIT
2009
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
logo
Renesas Technology Corp
UPC3250T7L RENESAS-UPC3250T7L Datasheet
303Kb / 18P
   SiGe CMOS/BiCMOS Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com