Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS6081-INTE3 Datasheet(PDF) 4 Page - Semtech Corporation

Part # GS6081-INTE3
Description  high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6081-INTE3 Datasheet(HTML) 4 Page - Semtech Corporation

  GS6081-INTE3 Datasheet HTML 1Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 2Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 3Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 4Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 5Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 6Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 7Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 8Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
GS6081
Final Data Sheet
Rev.4
PDS-060046
July 2014
4 of 19
Proprietary & Confidential
www.semtech.com
1. Pin Out
1.1 Pin Assignment
Figure 1-1: 16-Pin QFN
1.2 Pin Descriptions
56
7
8
16
15
14
13
DDI
1
2
3
4
DDI
12
11
10
9
VCC
VEE
Ground Pad
(bottom of package)
SDO1
SDO1
SDO2
SDO2
GS6081
16-pin QFN
(top view)
Table 1-1: Pin Descriptions
Pin Number
Name
Type
Description
1, 8
VCC
Power
Most positive power supply connection for the input buffer and core.
Connect to +3.3V or +2.5V.
2, 3
DDI, DDI
Input
Serial data differential input.
See Section 4.1 for details.
4, 13
VEE
Power
Most negative power supply connection for the input buffer and core.
Connect to ground.
5RSET
Input
External output amplitude control resistor connection.
See Section 4.6 for details.


Similar Part No. - GS6081-INTE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6080 SEMTECH-GS6080 Datasheet
716Kb / 19P
   Input signal trace equalization
GS6080-INE3 SEMTECH-GS6080-INE3 Datasheet
716Kb / 19P
   Input signal trace equalization
GS6080-INTE3 SEMTECH-GS6080-INTE3 Datasheet
716Kb / 19P
   Input signal trace equalization
More results

Similar Description - GS6081-INTE3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC2807 RENESAS-PC2807_15 Datasheet
183Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
UPC1934 RENESAS-UPC1934 Datasheet
360Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
UPD3140GS RENESAS-UPD3140GS Datasheet
507Kb / 20P
   BiCMOS INTEGRATED CIRCUIT
1996
UPC2807 RENESAS-UPC2807 Datasheet
183Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2000
UPC2918 RENESAS-UPC2918 Datasheet
403Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2002
UPC2807H RENESAS-UPC2807H Datasheet
210Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2002
UPC1933 RENESAS-UPC1933 Datasheet
341Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
UPC1935 RENESAS-UPC1935 Datasheet
352Kb / 30P
   BiCMOS INTEGRATED CIRCUIT
1998
UPD5740T6N RENESAS-UPD5740T6N Datasheet
403Kb / 22P
   SiGe BiCMOS INTEGRATED CIRCUIT
2009
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
logo
Renesas Technology Corp
UPC3250T7L RENESAS-UPC3250T7L Datasheet
303Kb / 18P
   SiGe CMOS/BiCMOS Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com