Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS6152 Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS6152
Description  Multi-Rate 6G UHD-SDI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6152 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS6152 Datasheet HTML 6Page - Semtech Corporation GS6152 Datasheet HTML 7Page - Semtech Corporation GS6152 Datasheet HTML 8Page - Semtech Corporation GS6152 Datasheet HTML 9Page - Semtech Corporation GS6152 Datasheet HTML 10Page - Semtech Corporation GS6152 Datasheet HTML 11Page - Semtech Corporation GS6152 Datasheet HTML 12Page - Semtech Corporation GS6152 Datasheet HTML 13Page - Semtech Corporation GS6152 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
GS6152
Final Data Sheet
Rev.2
PDS-060984
July 2015
10 of 80
Semtech
Proprietary & Confidential
www.semtech.com
Supply Current - Core
ICC_CORE
Output De-emphasis
Disabled
Data Rate 6G
—82
mA
8
Output De-emphasis
Disabled
Data Rate 3G
—74
mA
8
Output De-emphasis Enabled
Data Rate 6G
—90
mA
8
Output De-emphasis Enabled
Data Rate 3G
—81
mA
8
Supply Current - Digital
ICC_DIG
External Crystal Referenced
7
12
mA
Serial Input Termination
Differential
75
100
125
Ω
Serial Output Termination
Differential
75
100
125
Ω
Serial Input Common
Mode Voltage
VCMIN
—0.9
VCC_CORE
- 50mV
V
9, 10
Input Voltage - Digital
Pins
(CS, SDIN, CLK, GPIO[0:3])
VIH
0.65*
VDD_DIG
VDD_DIG
V
VIL
—0
0.35*
VDD_DIG
V
Output Voltage - Digital
Pins
(SDOUT, GPIO[0:3])
VOH
IOH = -2mA
VDD_DIG
– 0.45
——
V
VOL
IOL = 2mA
——
0.45
V
Notes:
1. Normal operation in referenceless mode, minimum output swing with de-emphasis disabled
2. VCC_DDO0/1 = 1.2V
3. The swing is default and de-emphasis is on
4. VCC_DDO0/1 = 1.8V
5. DDO0/DDO0 and DDO1/DDO1 set to maximum swing setting, external crystal reference used
6. Consumption per enabled DDO output
7. Refer to Table 4-4 for the exact register settings for each
ΔV
DDO output swing listed
8. For two enabled outputs
9. Maximum input voltage level = 1.8V ± 5%
10. Up to a maximum swing of 800mV
Table 2-2: DC Electrical Characteristics (Continued)
VCC_CORE, VDD_DIG = +1.8V ± 5%, TA= –40ºC to +85ºC unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes


Similar Part No. - GS6152

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
   Automatic or Manual Rate Selection
logo
Semtech Corporation
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INE3 SEMTECH-GS6150-INE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3 SEMTECH-GS6150-INTE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3Z SEMTECH-GS6150-INTE3Z Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results

Similar Description - GS6152

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6151 SEMTECH-GS6151 Datasheet
2Mb / 77P
   Multi-Rate 6G UHD-SDI
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com