Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA361-D6GI-CF-US Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA361-D6GI-CF-US
Description  Supports six 10/100/1000Mbps Ethernet ports
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA361-D6GI-CF-US Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA361-D6GI-CF-US Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
32
www.axiomtek.com/NA
Features
NA361
Compact Network Appliance Platform with
Intel® Atom™ Rangeley Processor and
6 LANs
Intel® Rangeley SoC up to 2.4 GHz with 4M L2 cache
processor
Supports six 10/100/1000Mbps Ethernet ports
(Intel® i354 & i210)
Supports BIOS redirected to COM port feature
Supports One 2.5’’ SATA2 HDD
Supports SIM socket for 3G (optional)
Supports Intel® QuickAssist Technology
Supports Intel® DPDK enabling software
Suitable for VPN, network bandwidth controller, firewall
and UTM applications
Ordering Information
Packing List
Specifications
Standard
NA361-D6GI-CF-US
(P/N: E26E361100)
Compact network security appliance with Intel® Atom™
processor C2358 and up to 6 GbE LAN ports
* Specifications and certifications are based on options and may vary.
** Recommend ordering optional cable kit with first order.
System
CPU
Intel® Atom™ processor C2358 1.7 GHz
Chipset
SoC Integrated
Memory
2 x DDR3 1600MHz UDIMM sockets max. up to 16 GB
unbuffered non-ECC/ECC memory
BIOS
AMI 64 Mbits PnP Flash with function of BIOS redirected to
COM port
Storage
1 x 2.5" SATA HDD / 1 x CompactFlash™ type-II,
1 x mSATA / 1 x CFast™ (optional)
Network Interface
6 x 10/100/1000Mbps Ethernet (i354 & i210)
4RJ+2SFP for optional
2 pairs LAN bypass (optional)
I/O Interface
1 x RS-232 (RJ-type), 2 x USB connectors, 6 x RJ-45
connectors
Watchdog Timer
255 stepping for system reset
8 stepping for LAN bypass
USB
2 x USB 2.0 ports on rear side
Expansion Slot
1 x PCIe Mini Card (USB interface)
Other Features
LAN bypass function through latch relay (two groups)
Power Supply
1 x 12V, 5A power adaptor
OS Compatibility
Yocto, Linux
Mechanical/ Environmental
Form Factor
1U desktop
LED
Power, HDD, Link/Act with transfer rate
Operating Temp.
0° ~ +40°C (32°F ~ 104°F)
Storage Temp.
-20° ~ +70°C (-4°F ~ +158°F)
Humidity
10% ~ 90% RH, non-condensing
Chassis Material
Steel
Dimensions
44 mm (1.73") (H) x 231 mm (9.09") (W) x 197 mm (7.76")
Weight (net/gross)
2.35 kg (5.18 lb)/2.61 kg (5.75 lb)
Certification
FCC class B/CE class B
Dimensions
Rear view
Front view
Low Power
TPM
TPM
TPM
LAN Bypass
mSATA
mSATA
mSATA
CFastTM
1 x DC power adaptor 12V/5A
1 x SATA cable


Similar Part No. - NA361-D6GI-CF-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA361 AXIOMTEK-NA361 Datasheet
381Kb / 1P
   Compact Network Appliance Platform with Intel짰 Atom??Rangeley Processor and 6 LANs
NA361R AXIOMTEK-NA361R Datasheet
209Kb / 1P
   Supports BIOS redirected to COM port feature
NA361R-R6GI-US AXIOMTEK-NA361R-R6GI-US Datasheet
209Kb / 1P
   Supports BIOS redirected to COM port feature
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
NA361 AXIOMTEK-NA361_17 Datasheet
219Kb / 1P
   Compact Network Appliance Platform with Intel Atom Processor C2358 up to 1.70 GHz and 6 LANs
More results

Similar Description - NA361-D6GI-CF-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA360 AXIOMTEK-NA360 Datasheet
213Kb / 1P
   Supports eight 10/100/1000Mbps Ethernet ports
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL_14 Datasheet
2Mb / 1P
   Supports 10/100/1000Mbps Ethernet
ICO300-MI AXIOMTEK-ICO300-MI_16 Datasheet
392Kb / 2P
   2 isolated 10/100/1000Mbps Ethernet ports
ICO300 AXIOMTEK-ICO300_16 Datasheet
418Kb / 2P
   2 isolated 10/100/1000Mbps Ethernet ports
ICO300 AXIOMTEK-ICO300 Datasheet
360Kb / 2P
   2 isolated 10/100/1000Mbps Ethernet
logo
Level One
GSW-0807 LVL1-GSW-0807 Datasheet
290Kb / 4P
   8 Gigabit Ethernet ports 1000Mbps-Full-duplex
GEP-1621 LVL1-GEP-1621 Datasheet
436Kb / 5P
   16 PoE-Plus Gigabit Ethernet ports 10/100/1000Mbps wire speed transmission and reception
GEP-1622 LVL1-GEP-1622 Datasheet
381Kb / 4P
   16 PoE-Plus Gigabit Ethernet ports 10/100/1000Mbps wire speed transmission and reception
logo
Silicom Ltd.
M1E310G6I71 SILICOM-M1E310G6I71 Datasheet
445Kb / 8P
   Six Ports Fiber SFP 10 Gigabit Ethernet Express Module
logo
Level One
GES-1651 LVL1-GES-1651 Datasheet
381Kb / 5P
   16 Gigabit Ethernet ports with 2 shared SFP slots 10/100/1000Mbps wire speed transmission and reception
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com