Electronic Components Datasheet Search |
|
SPI10N10 Datasheet(PDF) 1 Page - Infineon Technologies AG |
|
SPI10N10 Datasheet(HTML) 1 Page - Infineon Technologies AG |
1 / 8 page 2002-01-31 Page 1 Preliminary data SPI10N10 SPP10N10,SPB10N10 SIPMOS Power-Transistor Product Summary VDS 100 V RDS(on) 170 m ID 10.3 A Feature N-Channel Enhancement mode 175°C operating temperature Avalanche rated dv/dt rated P-TO263-3-2 P-TO220-3-1 P-TO262-3-1 Marking 10N10 10N10 10N10 Type Package Ordering Code SPP10N10 P-TO220-3-1 Q67042-S4118 SPB10N10 P-TO263-3-2 Q67042-S4119 SPI10N10 P-TO262-3-1 Q67042-S4120 Maximum Ratings,at Tj = 25 °C, unless otherwise specified Parameter Symbol Value Unit Continuous drain current TC=25°C TC=100°C ID 10.3 7.8 A Pulsed drain current TC=25°C ID puls 41.2 Avalanche energy, single pulse ID=10.3 A , VDD=25V, RGS=25 EAS 60 mJ Reverse diode dv/dt IS=10.3A, VDS=80V, di/dt=200A/µs, Tjmax=175°C dv/dt 6 kV/µs Gate source voltage VGS ±20 V Power dissipation TC=25°C Ptot 50 W Operating and storage temperature Tj , Tstg -55... +175 °C IEC climatic category; DIN IEC 68-1 55/175/56 |
Similar Part No. - SPI10N10 |
|
Similar Description - SPI10N10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |