Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP47N10 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPP47N10
Description  SIPMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP47N10 Datasheet(HTML) 7 Page - Infineon Technologies AG

  SPP47N10 Datasheet HTML 1Page - Infineon Technologies AG SPP47N10 Datasheet HTML 2Page - Infineon Technologies AG SPP47N10 Datasheet HTML 3Page - Infineon Technologies AG SPP47N10 Datasheet HTML 4Page - Infineon Technologies AG SPP47N10 Datasheet HTML 5Page - Infineon Technologies AG SPP47N10 Datasheet HTML 6Page - Infineon Technologies AG SPP47N10 Datasheet HTML 7Page - Infineon Technologies AG SPP47N10 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2001-08-24
Page 7
Preliminary data
SPI47N10
SPP47N10,SPB47N10
13 Typ. avalanche energy
EAS = f (Tj)
par.: ID = 47 A , VDD = 25 V, RGS = 25

20
40
60
80
100
120
140
°C
180
Tj
0
50
100
150
200
250
300
350
400
450
500
550
mJ
650
14 Typ. gate charge
VGS = f (QGate)
parameter: ID = 47 A pulsed
0
20
40
60
80
nC
110
QGate
0
2
4
6
8
10
12
V
16
SPP47N10
0,8 VDS max
DS max
V
0,2
15 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
140
°C
200
Tj
90
92
94
96
98
100
102
104
106
108
110
112
114
V
120
SPP47N10


Similar Part No. - SPP47N10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP47N10L INFINEON-SPP47N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
SPP47N10L INFINEON-SPP47N10L Datasheet
114Kb / 8P
   SIPMOS짰 Power-Transistor
2002-01-09
More results

Similar Description - SPP47N10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com