Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCST21-100-10V-KAB3M Datasheet(PDF) 6 Page - ASM GmbH

Part # PCST21-100-10V-KAB3M
Description  Stick Design with Analog Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST21-100-10V-KAB3M Datasheet(HTML) 6 Page - ASM GmbH

  PCST21-100-10V-KAB3M Datasheet HTML 1Page - ASM GmbH PCST21-100-10V-KAB3M Datasheet HTML 2Page - ASM GmbH PCST21-100-10V-KAB3M Datasheet HTML 3Page - ASM GmbH PCST21-100-10V-KAB3M Datasheet HTML 4Page - ASM GmbH PCST21-100-10V-KAB3M Datasheet HTML 5Page - ASM GmbH PCST21-100-10V-KAB3M Datasheet HTML 6Page - ASM GmbH PCST21-100-10V-KAB3M Datasheet HTML 7Page - ASM GmbH PCST21-100-10V-KAB3M Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
54
CAT-PC-E-04
ASM GmbH
Tel.: +49-8123-986-0 Fax: +49-8123-986-500 www.asm-sensor.com
POSICHRON
®
Output Specification 420T and 10V
420T
Excitation +
Signal +
Excitation GND
Excitation +
Signal GND
Signal +
10V
Signal GND
Signal Wiring
Output signals
420T
10V
Connector
pin no.
Cable colour
Excitation +
Excitation +
1
white
Excitation GND
Excitation GND
2
brown
Signal +
Signal +
3
green
Signal GND
4
yellow
View to sensor
connector
Connection
Mating Connector
Signal conditioner
10V
Voltage output (3 wire)
Excitation voltage
+18 ... +27 V DC, residual ripple 10 mVss
Excitation current
80 mA max.
Output voltage
0 ... +10 V DC equivalent to 0 … 100% range
Output current
2 mA max.
Output load
>5k
W
Stability (temperature)
±50 x 10
-6 / °C full scale
Protection
Reverse polarity, permanent short circuit
Output noise
0,5 mVRMS
Operating temperature
-40 ... +85 °C
Immunity to interference (EMC)
According to EN 61326: 1998
Signal Conditioner
420T
Current output (3 wire)
Excitation voltage
+18...+27 V DC, residual ripple 10 mVss
Excitation current
80 mA max.
Load resistor
350
W max.
Output current
4 ... 20 mA equivalent to 0 ... 100% range
Stability (temperature)
±50 x 10
-6 / °C full scale
Protection
Reverse polarity, permanent short circuit
Output noise
0.5 mVRMS
Operating temperature
-40 ... +85 °C
Immunity to interference (EMC)
According to EN 61326: 1998


Similar Part No. - PCST21-100-10V-KAB3M

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST24 ASM-SENSOR-PCST24 Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST24-M18-100-L1-P1A ASM-SENSOR-PCST24-M18-100-L1-P1A Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST24-M18-100-L1-P1D ASM-SENSOR-PCST24-M18-100-L1-P1D Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST24-M18-100-L1-PMU ASM-SENSOR-PCST24-M18-100-L1-PMU Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST24-M18-100-U1-P1A ASM-SENSOR-PCST24-M18-100-U1-P1A Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
More results

Similar Description - PCST21-100-10V-KAB3M

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST24 ASM-SENSOR-PCST24 Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST27 ASM-SENSOR-PCST27 Datasheet
3Mb / 21P
   Rod-Style Design with Analog Output
PCST25 ASM-SENSOR-PCST25 Datasheet
3Mb / 19P
   Rod-Style Design with Analog Output
logo
Emcore Corporation
1764-32-BB-SC-10 EMCORE-1764-32-BB-SC-10 Datasheet
765Kb / 6P
   Advanced Analog Chip Design
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
logo
Banner Engineering Corp...
T30UX BANNER-T30UX Datasheet
583Kb / 11P
   T30UX Series with Analog Output
logo
ASM GmbH
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com