Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCST21-500-10V-KAB3M Datasheet(PDF) 2 Page - ASM GmbH

Part # PCST21-500-10V-KAB3M
Description  Stick Design with Analog Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST21-500-10V-KAB3M Datasheet(HTML) 2 Page - ASM GmbH

  PCST21-500-10V-KAB3M Datasheet HTML 1Page - ASM GmbH PCST21-500-10V-KAB3M Datasheet HTML 2Page - ASM GmbH PCST21-500-10V-KAB3M Datasheet HTML 3Page - ASM GmbH PCST21-500-10V-KAB3M Datasheet HTML 4Page - ASM GmbH PCST21-500-10V-KAB3M Datasheet HTML 5Page - ASM GmbH PCST21-500-10V-KAB3M Datasheet HTML 6Page - ASM GmbH PCST21-500-10V-KAB3M Datasheet HTML 7Page - ASM GmbH PCST21-500-10V-KAB3M Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ASM GmbH
CAT-PC-E-04
31
Tel.: +49-8123-986-0 Fax: +49-8123-986-500 www.asm-sensor.com
POSICHRON
® position sensor in stick design
· Protection class IP67
· Measurement range 0 ... 100 up to 0 ... 5750 mm
· Absolute position measurement
· For applications in hydraulic cylinders
· Easy mounting
· Wear- and maintenance-free
· Pulse output (start/stop)
Specifications
Output
Pulse output (start/stop)
Resolution
Essentially infinite
Sampling rate
0.5 ... 2 kHz depending on measurement range
Linearity
±0.1 mm for ranges
£500 mm
±0.02 % f.s. for ranges >500 mm
Housing material
Stainless steel 1.4401
Mounting
Thread M18 x 1,5
Operating pressure
300 bar, other values on request
Protection class
IP67 (connector output: with mating connector)
Operating temperature
-40 ... +85 °C
EMC, immunity to interference
EN61326: 1998, Table A1
EMC, radio frequency emission
EN55011 group 1 class A
Shock
100 g/6 ms according to EN60068-2-27
Vibration
15 g, 10 … 2000 Hz according to EN60068-2-6
Connection
Male socket 8 pin DIN 45326/cable 3 m (standard)
Order Example: PCST21 - 1500 - STSP - KAB3M
Order Code PCST21
Model Name
Measurement Range (in mm)
100 / 500 / 1000 / 1500 / 2000 / 2500 / 3000 / 4000 / 5000 / 5750
Other ranges on request
Output
STSP
= with pulse output (start/stop)
Connection
D8
= Connector 8 pin DIN 45326
KAB3M
= Cable output, standard length 3 m
PCST21
WS-CONN-D8
Order Code Mating Connector (see accessories page 63)
Order Code Position Magnet (see accessories page 59)
PCSTMAG...
PCST21 POSICHRON
® Position Sensor
Stick Design with Pulse Output


Similar Part No. - PCST21-500-10V-KAB3M

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST24 ASM-SENSOR-PCST24 Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST24-M18-100-L1-P1A ASM-SENSOR-PCST24-M18-100-L1-P1A Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST24-M18-100-L1-P1D ASM-SENSOR-PCST24-M18-100-L1-P1D Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST24-M18-100-L1-PMU ASM-SENSOR-PCST24-M18-100-L1-PMU Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST24-M18-100-U1-P1A ASM-SENSOR-PCST24-M18-100-U1-P1A Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
More results

Similar Description - PCST21-500-10V-KAB3M

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST24 ASM-SENSOR-PCST24 Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST27 ASM-SENSOR-PCST27 Datasheet
3Mb / 21P
   Rod-Style Design with Analog Output
PCST25 ASM-SENSOR-PCST25 Datasheet
3Mb / 19P
   Rod-Style Design with Analog Output
logo
Emcore Corporation
1764-32-BB-SC-10 EMCORE-1764-32-BB-SC-10 Datasheet
765Kb / 6P
   Advanced Analog Chip Design
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
logo
Banner Engineering Corp...
T30UX BANNER-T30UX Datasheet
583Kb / 11P
   T30UX Series with Analog Output
logo
ASM GmbH
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com