Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI80N04S2-H4 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPI80N04S2-H4
Description  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI80N04S2-H4 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPI80N04S2-H4 Datasheet HTML 1Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 2Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 3Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 4Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 5Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 6Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 7Page - Infineon Technologies AG SPI80N04S2-H4 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2003-05-08
Page 3
SPI80N04S2-H4
SPP80N04S2-H4,SPB80N04S2-H4
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=80A
53
105
-
S
Input capacitance
Ciss
VGS=0V, VDS =25V,
f=1MHz
-
4430
5890 pF
Output capacitance
Coss
-
1580
2100
Reverse transfer capacitance
Crss
-
400
600
Turn-on delay time
td(on)
VDD=20V, VGS =10V,
ID=80A,
RG=1.3Ω
-
14
21
ns
Rise time
tr
-
36
54
Turn-off delay time
td(off)
-
46
69
Fall time
tf
-
35
53
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=32V, ID=80A
-
22
29
nC
Gate to drain charge
Qgd
-
47
70
Gate charge total
Qg
VDD=32V, ID=80A,
VGS=0 to 10V
-
111
148
Gate plateau voltage
V(plateau) VDD = 32 V , ID=80A
-
5.2
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TC=25°C
-
-
80
A
Inv. diode direct current, pulsed
ISM
-
-
320
Inverse diode forward voltage
VSD
VGS=0V, IF=80A
-
0.9
1.3
V
Reverse recovery time
trr
VR=20V, IF=lS,
diF/dt=100A/µs
-
195
240
ns
Reverse recovery charge
Qrr
-
370
460
nC


Similar Part No. - SPI80N04S2-H4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI80N04S2-04 INFINEON-SPI80N04S2-04 Datasheet
269Kb / 8P
   OptiMOS Power-Transistor
2004-05-24
More results

Similar Description - SPI80N04S2-H4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com