Electronic Components Datasheet Search |
|
PCST24-Z3-5000-U1-P1D Datasheet(PDF) 1 Page - ASM GmbH |
|
PCST24-Z3-5000-U1-P1D Datasheet(HTML) 1 Page - ASM GmbH |
1 / 21 page PCST24 POSICHRON® rod-style position sensor • Forhydrauliccylinders,fluidlevelmeasurement • ProtectionclassuptoIP67/IP69K • Measurementrange0...100to0...5750mm • Absolutepositionmeasurement • Contactless • Replaceableelectronicswithoutleakage • Analogoutput Specifications Output Voltage Current Resolution Refer to output specification Sampling rate Up to 1 kHz, depending on the measurement range Linearity Ranges >500 mm: L10 = ±0.10 % f.s. L02 = ±0.02 % f.s. Ranges ≤500 mm: L10 = ±0.5 mm L02MM = ±0.2 mm Repeatability ±3 µm Housing material Sensor rod: stainless steel 1.4404, head: AlMgSi Mounting Thread M18x1,5 / thread ¾ inch Working pressure of sensor rod 400 bar, other values on request Protection class IP67 (optional IP67/IP69K; connector version: with mating connector only) Shock EN 60068-2-27:2010, 50 g 11 ms, 100 shocks Vibration EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles Connection 8 pin socket M12, cable 2 m EMC, temperature Refer to output specification POSICHRON® PCST24 Rod-Style Design with Analog Output OrdercodePCST24 Modelname Mounting M18 = Thread M18x1,5 Z3/4 = Thread ¾ "-16 UNF Measurementrange(inmm) 100 ... 5750 (in 10 mm increments) other lengths upon request Output U1 = 0 ... 10 V signal conditioner U1/H = U1 with Alarm_HOLD (see page 16) U2 = 0.5 ... 10 V signal conditioner U2/U; U2/H = U2 with Alarm_LOW; U2 with Alarm_HOLD (see page 16) U8 = 0.5 ... 4.5 V signal conditioner U8/U; U8/H = U8 with Alarm_LOW; U8 with Alarm_HOLD (see page 16) I1 = 4 ... 20 mA signal conditioner (3 wire) I1/U; I1/H = I1 with Alarm_LOW; I1 with Alarm_HOLD (see page 16) Functionandcharacteristicsoutput P1A = Position Magnet 1, increasing P1D = Position Magnet 1, decreasing PMU = Start value, direction & end value adjustable by the customer Linearity L02 / L02MM / L10 (for definition see "Specifications" above) Connection M12 = Connector M12, 8 pin KAB2M = Cable, standard length 2 m, other lengths upon request 1channel DB-PCST24-E-2013-11 www.asm-sensor.com 1/21 © ASM GmbH info@asm-sensor.com |
Similar Part No. - PCST24-Z3-5000-U1-P1D |
|
Similar Description - PCST24-Z3-5000-U1-P1D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |