Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRAS3EX-V-15-U2-CCW Datasheet(PDF) 2 Page - ASM GmbH

Part # PRAS3EX-V-15-U2-CCW
Description  Magnetic Angle Sensor with Analog Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS3EX-V-15-U2-CCW Datasheet(HTML) 2 Page - ASM GmbH

  PRAS3EX-V-15-U2-CCW Datasheet HTML 1Page - ASM GmbH PRAS3EX-V-15-U2-CCW Datasheet HTML 2Page - ASM GmbH PRAS3EX-V-15-U2-CCW Datasheet HTML 3Page - ASM GmbH PRAS3EX-V-15-U2-CCW Datasheet HTML 4Page - ASM GmbH PRAS3EX-V-15-U2-CCW Datasheet HTML 5Page - ASM GmbH PRAS3EX-V-15-U2-CCW Datasheet HTML 6Page - ASM GmbH PRAS3EX-V-15-U2-CCW Datasheet HTML 7Page - ASM GmbH PRAS3EX-V-15-U2-CCW Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
33 [1.299]
10 - 0,01
0
+
.394 - 0.0004
0
+
[
]
Ø
33 [1.299]
Ø
9 [.354]
26
0,05 1.02
4 0.0
02
[
]
4 x M3-5[.197]
Abflachung /
flat
Befestigungsexzenter /
mounting clamps
Markierung /
marking
Potentialausgleich /
earthing
M12-Stecker /
M12-connector
36 [1.417]
42
[1.65
4]
33 [1.299]
10 - 0,01
0
+
.394 - 0.0004
0
+
[
]
Ø
33 [1.299]
Ø
9 [.354]
26
0,05 1.02
4 0.0
02
[
]
4 x M3-5[.197]
Abflachung /
flat
Befestigungsexzenter /
mounting clamps
42 [1.654]
M12-Stecker/
M12-connector
36 [1.417]
Markierung /
marking
Potentialausgleich /
earthing
ASM
CAT-PR/PT-E-11
33
www.asm-sensor.com
Dust-Ex-proof explanation (see page 55)
Mounting clamps
Earthing
Marking
Connector M12
Flat
Outline drawing
sensor M12 axial
Dimensions in mm [inch].
Dimensions informative only.
For guaranteed dimensions consult factory.
Outline drawing
sensor M12 radial
POSIROT®
PRAS3EX - Dust-Ex-proof
Dimensions
Mounting clamps
Earthing
Marking
Connector M12
Flat
Weight approx. 290 g.
Weight approx. 320 g.
Dimensions in mm [inch].
Dimensions informative only.
For guaranteed dimensions consult factory.


Similar Part No. - PRAS3EX-V-15-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS3 ASM-SENSOR-PRAS3 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
More results

Similar Description - PRAS3EX-V-15-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
   Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
   Magnetic Angle Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com