Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRAS5-V-345-U2-CCW Datasheet(PDF) 1 Page - ASM GmbH

Part # PRAS5-V-345-U2-CCW
Description  Magnetic Angle Sensor with Analog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS5-V-345-U2-CCW Datasheet(HTML) 1 Page - ASM GmbH

  PRAS5-V-345-U2-CCW Datasheet HTML 1Page - ASM GmbH PRAS5-V-345-U2-CCW Datasheet HTML 2Page - ASM GmbH PRAS5-V-345-U2-CCW Datasheet HTML 3Page - ASM GmbH PRAS5-V-345-U2-CCW Datasheet HTML 4Page - ASM GmbH PRAS5-V-345-U2-CCW Datasheet HTML 5Page - ASM GmbH PRAS5-V-345-U2-CCW Datasheet HTML 6Page - ASM GmbH PRAS5-V-345-U2-CCW Datasheet HTML 7Page - ASM GmbH PRAS5-V-345-U2-CCW Datasheet HTML 8Page - ASM GmbH PRAS5-V-345-U2-CCW Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PRAS5
PRMAG ...
KAB-2M-M12/4F/G-LITZE
34
CAT-PR/PT-E-12
ASM
www.asm-sensor.com
Specifications
Outputs
U2
U6 /5/ 8,25
I1
Voltage 0.5 ... 10 V
Voltage 0.5 ... 4.5 V / 0.825 ... 7.425 V ratiometr.
Current 4 ... 20 mA, 3 wire
Measurement range
0 ... 15° to 0 ... 360° in 15° increments
Resolution
0.03 % (60 ... 360); 0.1 % (15 ... 45°)
Repeatability
±0.03 % (60 ... 360°); ±0.1 % (15 ... 45°)
Linearity
±0.3 % f.s. (typ.)
Rated distance sensor / magnet
Depending on the position magnet
Protection class
IP67/IP69K (connector output with IP69K connector
cable); IP68 - on request
Signal characteristics
CW, CCW
Material
Stainless steel
Mounting
Screws M8
Shock
EN60068-2-27:1993, 100 g/11 ms, 100 shocks
Vibration
EN60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Life cycle of bearings (shaft version)
100 x 106 revolutions (<1500 r.p.m.)
Revolutions per minute (shaft version)
Max. 10,000 r.p.m.
Allowable shaft load
120 N radial, 120 N axial
Magneticanglesensor0-360°inaflat
housingwith66mmresp.68.2mmdia.
●Measurementrange0-360°
●ProtectionclassIP67/IP69K,optionalIP68*
●Analogoutput
●With10mmshaftornon-contact
●Magneticmeasurementprinciple
● Otheroutputsavailableonrequest
●Seawaterproof
●Suitableforuseonocean-goingvessels
* Depth and duration of immersion must be specified!
OrderCodePRAS5 



Modelname
Mechanicalconnection
V / K
= Shaft 10 mm / non-contact with external magnet
Measurementrange15...360°in15°increments
15 / 30 / 45 / ... / 345 / 360
Outputs(see page 46)
U6/5
= 0.5 ... 4.5 V ratiometric, U
B = 5 V ±10%
U6/8,25
= 0.825 ... 7.425 V ratiometric, U
B = 8.25 V ±10%
U2
= 0.5 ... 10 V
I1
= 4 ... 20 mA, 3 wire
Signalcharacteristics
CW / CCW
= Signal increasing CW / signal increasing CCW
Connection
M12A5/M12R5 = 5-pin socket M12 axial/radial (compatible to 4-pin connector)
Housingmaterial
VA
= Stainless steel
Orderexample:PRAS5-V-360-U6/5-CW-M12R5-VA
POSIROT®
PRAS5
MagneticAngleSensorwithAnalogOutput
Ordercodeconnectorcable (see accessories page 90)
Ordercodepositionmagnet(see accessories page 53/54)


Similar Part No. - PRAS5-V-345-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-L1-CCW ASM-SENSOR-PRAS5EX-K-15-L1-CCW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-L1-CW ASM-SENSOR-PRAS5EX-K-15-L1-CW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-U2-CCW ASM-SENSOR-PRAS5EX-K-15-U2-CCW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-U2-CW ASM-SENSOR-PRAS5EX-K-15-U2-CW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
More results

Similar Description - PRAS5-V-345-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
   Magnetic Angle Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com