Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS19KT-15000-HINT-L01-M4 Datasheet(PDF) 9 Page - ASM GmbH

Part # WS19KT-15000-HINT-L01-M4
Description  Absolute Encoder Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS19KT-15000-HINT-L01-M4 Datasheet(HTML) 9 Page - ASM GmbH

Back Button WS19KT-15000-HINT-L01-M4 Datasheet HTML 4Page - ASM GmbH WS19KT-15000-HINT-L01-M4 Datasheet HTML 5Page - ASM GmbH WS19KT-15000-HINT-L01-M4 Datasheet HTML 6Page - ASM GmbH WS19KT-15000-HINT-L01-M4 Datasheet HTML 7Page - ASM GmbH WS19KT-15000-HINT-L01-M4 Datasheet HTML 8Page - ASM GmbH WS19KT-15000-HINT-L01-M4 Datasheet HTML 9Page - ASM GmbH WS19KT-15000-HINT-L01-M4 Datasheet HTML 10Page - ASM GmbH WS19KT-15000-HINT-L01-M4 Datasheet HTML 11Page - ASM GmbH WS19KT-15000-HINT-L01-M4 Datasheet HTML 12Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
68
CAT-WS-E-09
ASM GmbH
www.asm-sensor.com
POSIWIRE®
HPROF
Absolute Profibus Encoder
Interface HPROF
Absolute encoder
Profibus
Excitation voltage
10 ... 30 V DC
Excitation current
250 mA
Interface
RS485
Protocol
Profibus DP with encoder profile C2
Resolution
12 (10 ... 14) + 12 bit
Output code
Binary
Baud rate
Automatically selected between 9,6 kBaud and
12 MBaud
Programmability
Resolution, preset, direction
Integrated special functions
Velocity, acceleration, operating time
Bus terminating resistor
Selectable via DIP switch
Connection
Bus cover with T manifold
EMC
EN 61326: class A
Signal wiring
Signal name
Cable terminal no. (bus cover)
U
B in
1
0V in
2
U
B out
3
0V out
4
B in
5
A in
6
B out
7
A out
8


Similar Part No. - WS19KT-15000-HINT-L01-M4

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
More results

Similar Description - WS19KT-15000-HINT-L01-M4

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS58C ASM-SENSOR-WS58C Datasheet
391Kb / 3P
   Absolute Encoder Output
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
ASM GmbH
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
   absolute or incremental encoder output
logo
CUI INC
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
   absolute encoder
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
   absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
   absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
   absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
   absolute encoder
logo
Pepperl+Fuchs Inc.
DVM58N-011AGR0BY-1213 PF-DVM58N-011AGR0BY-1213 Datasheet
301Kb / 4P
   Multiturn absolute encoder
PVM78E PF-PVM78E Datasheet
604Kb / 6P
   Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com