Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS19KT-8000-HCANOP-L01-M4 Datasheet(PDF) 1 Page - ASM GmbH

Part # WS19KT-8000-HCANOP-L01-M4
Description  Absolute Encoder Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS19KT-8000-HCANOP-L01-M4 Datasheet(HTML) 1 Page - ASM GmbH

  WS19KT-8000-HCANOP-L01-M4 Datasheet HTML 1Page - ASM GmbH WS19KT-8000-HCANOP-L01-M4 Datasheet HTML 2Page - ASM GmbH WS19KT-8000-HCANOP-L01-M4 Datasheet HTML 3Page - ASM GmbH WS19KT-8000-HCANOP-L01-M4 Datasheet HTML 4Page - ASM GmbH WS19KT-8000-HCANOP-L01-M4 Datasheet HTML 5Page - ASM GmbH WS19KT-8000-HCANOP-L01-M4 Datasheet HTML 6Page - ASM GmbH WS19KT-8000-HCANOP-L01-M4 Datasheet HTML 7Page - ASM GmbH WS19KT-8000-HCANOP-L01-M4 Datasheet HTML 8Page - ASM GmbH WS19KT-8000-HCANOP-L01-M4 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
WS19KT
CONN-CONIN-12F-G
26
CAT-WS-E-09
ASM GmbH
www.asm-sensor.com
POSIWIRE®
WS19KT
Absolute Encoder Output
Robust Sensor with heavy duty encoder
Protection class IP64
Measurement range 0 ... 2000 mm to 0 ... 15000 mm
Absolute encoder output
Specifications
Outputs
See order code
Resolution for 12 bit per revolution
(4096 steps/revolution)
Resolution
Dist./rev.
WS19KT-2000
0.04 mm
163.84 mm
WS19KT-3000
0.063 mm
260.09 mm
WS19KT-5000
0.10 mm
409.60 mm
WS19KT-8000
0.163 mm
667.90 mm
WS19KT-15000
0.146 mm
600.00 mm
Linearity
±0.05% f.s.; ±0.01% f.s. as option
Sensing device
Absolute encoder
Material
Aluminum and stainless steel; cable: stainless steel
Protection class
IP64
Connection
Depend on the encoder type: connector or bus cover
Weight
See table page 28
EMC, temperature
Refer to output specification
Order code WS19KT
Model name
Measurement range (in mm)
2000 / 3000 / 5000 / 8000 / 15000
Outputs
HSSI
= Absolute encoder with synchronous serial output (SSI)
HPROF
= Absolute encoder with Profibus interface
HINT
= Absolute encoder with Interbus interface
HDEV
= Absolute encoder with DeviceNet interface
HCAN
= Absolute encoder with CAN interface
HCANOP
= Absolute encoder with CANopen interface
Linearity (option)
L01
= ±0.01% f.s.
Cable fixing
M4
= M4 cable fixing
SB0
= Cable clip
Order example: WS19KT - 3000 - HSSI - M4
Order code mating connector
HSSI:


Similar Part No. - WS19KT-8000-HCANOP-L01-M4

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
More results

Similar Description - WS19KT-8000-HCANOP-L01-M4

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS58C ASM-SENSOR-WS58C Datasheet
391Kb / 3P
   Absolute Encoder Output
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
ASM GmbH
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
   absolute or incremental encoder output
logo
CUI INC
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
   absolute encoder
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
   absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
   absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
   absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
   absolute encoder
logo
Pepperl+Fuchs Inc.
DVM58N-011AGR0BY-1213 PF-DVM58N-011AGR0BY-1213 Datasheet
301Kb / 4P
   Multiturn absolute encoder
PVM78E PF-PVM78E Datasheet
604Kb / 6P
   Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com