Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLAMP1272S.TCT Datasheet(PDF) 2 Page - Semtech Corporation

Part # TCLAMP1272S.TCT
Description  Low Capacitance TClamp Surge Protection for xDSL Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TCLAMP1272S.TCT Datasheet(HTML) 2 Page - Semtech Corporation

  TCLAMP1272S.TCT Datasheet HTML 1Page - Semtech Corporation TCLAMP1272S.TCT Datasheet HTML 2Page - Semtech Corporation TCLAMP1272S.TCT Datasheet HTML 3Page - Semtech Corporation TCLAMP1272S.TCT Datasheet HTML 4Page - Semtech Corporation TCLAMP1272S.TCT Datasheet HTML 5Page - Semtech Corporation TCLAMP1272S.TCT Datasheet HTML 6Page - Semtech Corporation TCLAMP1272S.TCT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
2013 Semtech Corporation.
www.semtech.com
TClamp1272S
PROTECTION PRODUCTS
Absolute Maximum Ratings
Electrical Characteristics (T=25OC unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
V
RWM
T = -40 to +85OC
12
V
Reverse Breakdown Voltage
V
BR
I
BR = 1mA
13.5
15
17
V
Reverse Leakage Current
I
R
V
RWM = 12V, T = 25
OC
0.10
µA
V
RWM = 12V, T = 85
OC
0.30
Clamping Voltage
V
C
I
PP = 5A, tP = 8/20µs
20
V
I
PP = 20A, tP = 8/20µs
30
V
Peak Pulse Current
I
PP
t
P = 8/20µs
20
A
Junction Capacitance
C
J
Between any I/O pin and Ground;
T = -40 to +85OC
Bias+ to GND = 6V;
Bias- to GND = -6V;
VR = 0V; f = 1MHz
5
pF
Rating
Symbol
Value
Units
Peak Pulse Power (tp = 8/20µs)
P
pk
600
Watts
Peak Pulse Current (tp = 8/20µs)
I
PP
20
A
ESD per IEC 61000-4-2 (Air)
V
ESD
30
kV
ESD per IEC 61000-4-2 (Contact)
30
Operating Temperature
T
J
-40 to +85
°C
Storage Temperature
T
STG
-55 to +150
°C


Similar Part No. - TCLAMP1272S.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TCLAMP1202P SEMTECH-TCLAMP1202P Datasheet
231Kb / 7P
   Low Capacitance TClamp Surge Protection for 12V Interfaces
TCLAMP1202P.TGT SEMTECH-TCLAMP1202P.TGT Datasheet
231Kb / 7P
   Low Capacitance TClamp Surge Protection for 12V Interfaces
TCLAMP1282S SEMTECH-TCLAMP1282S Datasheet
4Mb / 12P
   Low Capacitance TransClamp® Surge Protection for DSL and G.Fast Interfaces
Rev 2.0 August 9, 2016
TCLAMP1282S.TCT SEMTECH-TCLAMP1282S.TCT Datasheet
4Mb / 12P
   Low Capacitance TransClamp® Surge Protection for DSL and G.Fast Interfaces
Rev 2.0 August 9, 2016
More results

Similar Description - TCLAMP1272S.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TCLAMP1202P SEMTECH-TCLAMP1202P Datasheet
231Kb / 7P
   Low Capacitance TClamp Surge Protection for 12V Interfaces
TCLAMP3602P SEMTECH-TCLAMP3602P Datasheet
628Kb / 7P
   Low Capacitance TClamp® Surge Protection for 36V Interfaces
Rev 2.0 7/22/2019
logo
TECH PUBLIC Electronics...
RCLAMP2656P TECHPUBLIC-RCLAMP2656P Datasheet
1Mb / 5P
   Low Capacitance Surge Protection for USB Interfaces
TPRCLAMP2656P TECHPUBLIC-TPRCLAMP2656P Datasheet
1Mb / 5P
   Low Capacitance Surge Protection for USB Interfaces
logo
Semtech Corporation
RCLAMP2654P SEMTECH-RCLAMP2654P Datasheet
284Kb / 9P
   Low Capacitance RClamp짰 Surge Protection for USB Interfaces
TCLAMP2512N SEMTECH-TCLAMP2512N Datasheet
684Kb / 8P
   Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
RCLAMP1255P SEMTECH-RCLAMP1255P Datasheet
267Kb / 10P
   Low Capacitance RClamp Surge Protection for uUSB Interfaces
RCLAMP2656P SEMTECH-RCLAMP2656P Datasheet
327Kb / 10P
   Low Capacitance RClamp짰 Surge Protection for uUSB Interfaces
logo
Rectron Semiconductor
TEP2201-33LC RECTRON-TEP2201-33LC Datasheet
755Kb / 6P
   Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces
TEP2203-25LC RECTRON-TEP2203-25LC Datasheet
222Kb / 5P
   Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com