Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13101-QFNR Datasheet(PDF) 4 Page - Semtech Corporation

Part # TS13101-QFNR
Description  Galvanic Isolated Latching 60V Power Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS13101-QFNR Datasheet(HTML) 4 Page - Semtech Corporation

  TS13101-QFNR Datasheet HTML 1Page - Semtech Corporation TS13101-QFNR Datasheet HTML 2Page - Semtech Corporation TS13101-QFNR Datasheet HTML 3Page - Semtech Corporation TS13101-QFNR Datasheet HTML 4Page - Semtech Corporation TS13101-QFNR Datasheet HTML 5Page - Semtech Corporation TS13101-QFNR Datasheet HTML 6Page - Semtech Corporation TS13101-QFNR Datasheet HTML 7Page - Semtech Corporation TS13101-QFNR Datasheet HTML 8Page - Semtech Corporation TS13101-QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TS13101
Final Datasheet
Rev 1.0
October 22, 2015
www.semtech.com
4 of 10
Semtech
Thermal Characteristics
Symbol
Parameter
Value
Units
ΘJA
Thermal Resistance Junction to Air (Note 1)
25
°C/W
ΘJC
Thermal Resistance Junction to Case (Note 1)
2.5
°C/W
TSTG
Storage Temperature Range
-65 to 150
°C
TJ MAX
Maximum Junction Temperature
150
°C
TJ
Operating Junction Temperature Range
-40 to 125
°C
Note 1: Assumes 20LD 4x4 QFN with hi-K JEDEC board and 13.5 inch2 of 1 oz Cu and 4 thermal vias connected to PAD
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VSW
AC Switch Voltage (RMS Voltage)
-36
36
V
CDATA
Data Isolation Capacitor
100
pF
CISO
Clock Isolation Capacitor
680
pF
CCP
Charge Pump Capacitor
100
pF
CVDD1
VDD1 Bypass Capacitor
10
nF
CVDD2
VDD2 Bypass Capacitor
1
uF
CSUB
Sub Capacitor
100
nF
CSYS
System Bypass Capacitor
100
nF
CCLK2
Clock2 Isolation Capacitor
680
pF


Similar Part No. - TS13101-QFNR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13101M-QFNR SEMTECH-TS13101M-QFNR Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
More results

Similar Description - TS13101-QFNR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13001 SEMTECH-TS13001 Datasheet
125Kb / 10P
   Galvanic Isolated Blocking 56V Power Load Switch
logo
Infineon Technologies A...
ISO2H823V25 INFINEON-ISO2H823V25 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H811G INFINEON-ISO1H811G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.5, 2014-10-17
ISO1H815G INFINEON-ISO1H815G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO1H816G INFINEON-ISO1H816G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO2H823V2.5 INFINEON-ISO2H823V2.5 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H812G INFINEON-ISO1H812G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.6, 2014-10-17
logo
Micropac Industries
53503 MICROPAC-53503 Datasheet
146Kb / 8P
   LATCHING, ISOLATED OUTPUT
logo
STMicroelectronics
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
   Galvanic isolated octal high-side smart power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com