Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS51221-M050QFNR Datasheet(PDF) 10 Page - Semtech Corporation

Part # TS51221-M050QFNR
Description  High Efficiency Regulator IC for Wireless Power Receiver Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51221-M050QFNR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button TS51221-M050QFNR Datasheet HTML 6Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 7Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 8Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 9Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 10Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 11Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 12Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 13Page - Semtech Corporation TS51221-M050QFNR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TS51221
Final Datasheet
Rev 1.1
April 6, 2015
www.semtech.com
10 of 18
Semtech
Typical Performance Characteristics
T
J=-40Cto125C,VCC=12V(unlessotherwisenoted)
- 10 -
TS51221
Version 1.1
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright
© 2012, Triune Systems, LLC
TYPICAL PERFORMANCE CHARACTERISTICS
TJ=-40Cto125C,VCC=12V(unlessotherwisenoted)
Figure 9. Load Regulation
Figure 10. Line Regulation (IOUT=1A)
Figure 11. Efficiency vs. Output Current ( VOUT = 1.8V)
Figure 12. Efficiency vs. Output Current ( VOUT = 3.3V)
Figure 13. Efficiency vs. Output Current ( VOUT = 5V)
Figure 14. Efficiency vs. Input Voltage (VOUT = 3.3V)


Similar Part No. - TS51221-M050QFNR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
   Wireless Power Receiver
TS51224 SEMTECH-TS51224 Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
TS51224-M000WCSR SEMTECH-TS51224-M000WCSR Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
More results

Similar Description - TS51221-M050QFNR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Maxic Technology Corpor...
MT5715 MAXIC-MT5715 Datasheet
250Kb / 2P
   A High Efficiency Wireless Power Receiver
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
   Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com