Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2978-CNTE3Z Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS2978-CNTE3Z
Description  Dual coaxial cable driving outputs with selectable slew rate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2978-CNTE3Z Datasheet(HTML) 1 Page - Gennum Corporation

  GS2978-CNTE3Z Datasheet HTML 1Page - Gennum Corporation GS2978-CNTE3Z Datasheet HTML 2Page - Gennum Corporation GS2978-CNTE3Z Datasheet HTML 3Page - Gennum Corporation GS2978-CNTE3Z Datasheet HTML 4Page - Gennum Corporation GS2978-CNTE3Z Datasheet HTML 5Page - Gennum Corporation GS2978-CNTE3Z Datasheet HTML 6Page - Gennum Corporation GS2978-CNTE3Z Datasheet HTML 7Page - Gennum Corporation GS2978-CNTE3Z Datasheet HTML 8Page - Gennum Corporation GS2978-CNTE3Z Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
GS2978 HD-LINX® III Multi-Rate Dual Slew-Rate Cable Driver
1 of 15
GS2978
HD-LINX® III Multi-Rate Dual Slew-Rate Cable Driver
Data Sheet
37186 - 7
March 2009
www.gennum.com
Features
• SMPTE 424M, SMPTE 292M, SMPTE 344M and SMPTE
259M compliant
• Dual coaxial cable driving outputs with selectable
slew rate
•50Ω differential PECL input
• Pb-free and RoHS compliant
• Seamless interface to other HD-LINX® III family
products
• Single 3.3V power supply operation
• Operating temperature range: 0°C to 70°C
Applications
• SMPTE 424M, SMPTE 292M, SMPTE 344M and SMPTE
259M Coaxial Cable Serial Digital Interfaces.
Description
The GS2978 is a high-speed BiCMOS integrated circuit
designed to drive one or two 75Ω co-axial cables.
The GS2978 may drive data rates up to 2.97Gb/s and
provides two selectable slew rates in order to achieve
compliance to SMPTE 424M, SMPTE 259M, SMPTE 344M
and SMPTE 292M.
The GS2978 accepts a LVPECL level differential input that
may be AC coupled. External biasing resistors at the inputs
are not required.
Power consumption is typically 168mW using a 3.3V
power supply. The GS2978 is Pb-free, and the
encapsulation compound does not contain halogenated
flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.
Functional Block Diagram
SDO
RSET
SDO
DDI
DDI
SD/HD
BANDGAP REFERENCE AND BIASING CIRCUIT
OUTPUT STAGE &
CONTROL
INPUT
DIFFERENTIAL
PAIR
DISABLE


Similar Part No. - GS2978-CNTE3Z

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2978-CNTE3Z SEMTECH-GS2978-CNTE3Z Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
More results

Similar Description - GS2978-CNTE3Z

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Texas Instruments
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com