Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2988 Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS2988
Description  Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2988 Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS2988 Datasheet HTML 3Page - Gennum Corporation GS2988 Datasheet HTML 4Page - Gennum Corporation GS2988 Datasheet HTML 5Page - Gennum Corporation GS2988 Datasheet HTML 6Page - Gennum Corporation GS2988 Datasheet HTML 7Page - Gennum Corporation GS2988 Datasheet HTML 8Page - Gennum Corporation GS2988 Datasheet HTML 9Page - Gennum Corporation GS2988 Datasheet HTML 10Page - Gennum Corporation GS2988 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
GS2988 Dual-Slew-Rate, Cable Driver with 3Gb/s
Capability
Data Sheet
52131 - 4
December 2010
7 of 17
2.3 AC Electrical Characteristics
Table 2-2: AC Electrical Characteristics
VCC = 3.3V ±5% or 2.5V ±5%; TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
–.27
2.97
Gb/s
1
Additive jitter
2.97Gb/s
10
psp-p
2
1.485Gb/s
10
psp-p
2
270Mb/s
30
psp-p
2
Rise/Fall time
tr, tf
SD/HD=0
135
ps
3
tr, tf
SD/HD=1
400
800
ps
3
Mismatch in rise/fall time
tr,
tf
HD/3G modes only
35
ps
Duty cycle distortion
SD/HD=0, 2.97Gb/s
14
ps
4, 5
SD/HD=0, 1.485Gb/s
20
ps
4, 5
SD/HD=1
50
ps
4, 5
Overshoot
SD/HD=0,
10
%
4
Output Return Loss
ORL
5 MHz – 1.485GHz
17
19
dB
6
1.485GHz – 2.97GHz
13
15
dB
6
Output Voltage Swing
VOUT
RSET = 750Ω
750
800
850
mVp-p
4
Input Voltage Swing
VDDI
Guaranteed
functional.
100
250
mVp-pd
Guaranteed to meet all
published
specifications.
250
2200
mVp-pd
Output Enable Delay
100
ns
Output Disable Delay
80
ns
NOTES:
1. The input coupling capacitor must be set accordingly for lower data rates.
2. Turning on input trace equalization will reduce jitter in most applications.
3. Rise/Fall time measured between 20% and 80%.
4. Single-ended into 75
Ω external load.
5. Calculated as the actual positive bit-width compared to the expected positive bit-width using a 1010 pattern.
6. ORL depends on board design. The GS2988 achieves this specification on Gennum's evaluation boards.


Similar Part No. - GS2988

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2988-INE3 SEMTECH-GS2988-INE3 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2988-INTE3 SEMTECH-GS2988-INTE3 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2988-INTE3Z SEMTECH-GS2988-INTE3Z Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
More results

Similar Description - GS2988

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com